Electronic Components Datasheet Search
  English  ▼

X  

AFV10700GS Datasheet(PDF) 8 Page - NXP Semiconductors

Part # AFV10700GS
Description  RF Power LDMOS Transistors
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

AFV10700GS Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button AFV10700GS Datasheet HTML 4Page - NXP Semiconductors AFV10700GS Datasheet HTML 5Page - NXP Semiconductors AFV10700GS Datasheet HTML 6Page - NXP Semiconductors AFV10700GS Datasheet HTML 7Page - NXP Semiconductors AFV10700GS Datasheet HTML 8Page - NXP Semiconductors AFV10700GS Datasheet HTML 9Page - NXP Semiconductors AFV10700GS Datasheet HTML 10Page - NXP Semiconductors AFV10700GS Datasheet HTML 11Page - NXP Semiconductors AFV10700GS Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
8
RF Device Data
NXP Semiconductors
AFV10700H AFV10700HS AFV10700GS
1030–1090 MHz REFERENCE CIRCUIT
Zo =5 
Zsource
Zload
f = 1090 MHz
f = 1030 MHz
f = 1030 MHz
f = 1090 MHz
f
MHz
Zsource
Zload
1030
2.3 – j1.7
0.91 – j0.76
1090
2.0 – j1.9
0.88 – j0.47
Zsource = Test circuit impedance as measured from
gate to ground.
Zload
= Test circuit impedance as measured
from drain to ground.
Figure 8. Series Equivalent Source and Load Impedance – 1030–1090 MHz
Input
Matching
Network
Device
Under
Test
Output
Matching
Network
Zsource
Zload
50 
50 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com