Electronic Components Datasheet Search
  English  ▼

X  

LTC1608 Datasheet(PDF) 14 Page - Linear Technology

Part # LTC1608
Description  High Speed, 16-Bit, 500ksps Sampling A/D Converter with Shutdown
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1608 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC1608 Datasheet HTML 10Page - Linear Technology LTC1608 Datasheet HTML 11Page - Linear Technology LTC1608 Datasheet HTML 12Page - Linear Technology LTC1608 Datasheet HTML 13Page - Linear Technology LTC1608 Datasheet HTML 14Page - Linear Technology LTC1608 Datasheet HTML 15Page - Linear Technology LTC1608 Datasheet HTML 16Page - Linear Technology LTC1608 Datasheet HTML 17Page - Linear Technology LTC1608 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
14
LTC1608
APPLICATIO S I FOR ATIO
LTC1608
AIN
+
AIN
–
VREF
0V TO
5V
±2.5V
REFCOMP
AGND
1608 F14b
1
2
3
4
5
22
µF
ANALOG INPUT
–
+
Figure 14b. Selectable 0V to 5V or
±2.5V Input Range
Differential inputs allow greater flexibility for accepting
different input ranges. Figure 14b shows a circuit that
converts a 0V to 5V analog input signal with only an
additional buffer that is not in the signal path.
Full-Scale and Offset Adjustment
Figure 15a shows the ideal input/output characteristics
for the LTC1608. The code transitions occur midway
between successive integer LSB values (i.e., – FS +
0.5LSB, – FS + 1.5LSB, – FS + 2.5LSB,... FS – 1.5LSB,
FS – 0.5LSB). The output is two’s complement binary with
1LSB = FS – (– FS)/65536 = 5V/65536 = 76.3
µV.
In applications where absolute accuracy is important,
offset and full-scale errors can be adjusted to zero. Offset
error must be adjusted before full-scale error. Figure 15b
shows the extra components required for full-scale error
adjustment. Zero offset is achieved by adjusting the offset
applied to the AIN– input. For zero offset error, apply
–38
µV (i.e., –0.5LSB) at AIN+ and adjust the offset at the
AIN– input by varying the output voltage of pin VOUTA from
the LTC1662 until the output code flickers between 0000
0000 0000 0000 and 1111 1111 1111 1111. For full-scale
adjustment, an input voltage of 2.499886V (FS/2 – 1.5LSBs)
is applied to AIN+ and the output voltage of pin VOUTB is
adjusted until the output code flickers between 0111 1111
1111 1110 and 0111 1111 1111 1111.
BOARD LAYOUT AND GROUNDING
Wire wrap boards are not recommended for high resolu-
tion or high speed A/D converters. To obtain the best per-
formance from the LTC1608, a printed circuit board with
ANALOG
INPUT
1608 F15b
1
2
3
80.6k
1%
OFFSET ADJ RANGE:
±0.125%
FULL-SCALE ADJ RANGE:
±0.25%
R1
40.2k
4
5
0.1
µF
5V
22
µF
–5V
R3
1.5M
R2
100
Ω
+
2.2
µF
+
AIN
+
AIN
–
VREF
REFCOMP
AGND
LTC1608
LTC1662
CS/LD
SCK
SDI
REF
VOUTA
GND
VCC
VOUTB
Figure 15b. Offset and Full-Scale Adjust Circuit
1608 F15a
011...111
011...110
000...001
000...000
111...111
111...110
100...001
100...000
FS – 1LSB
– (FS – 1LSB)
INPUT VOLTAGE (AIN
+ – A
IN
–)
Figure 15a. LTC1608 Transfer Characteristics
ground plane is required. Layout should ensure that digital
and analog signal lines are separated as much as possible.
Particular care should be taken not to run any digital track
alongside an analog signal track or underneath the ADC.The
analog input should be screened by AGND.
An analog ground plane separate from the logic system
ground should be established under and around the ADC.
Pin 5 to Pin 8 (AGNDs), Pin 10 (ADC’s DGND) and all other
analog grounds should be connected to this single analog
ground point. The REFCOMP bypass capacitor and the
DVDD bypass capacitor should also be connected to this
analog ground plane. No other digital grounds should be
connected to this analog ground plane. Low impedance
analog and digital power supply common returns are
essential to low noise operation of the ADC and the foil
width for these tracks should be as wide as possible. In



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com