Electronic Components Datasheet Search
  English  ▼

X  

LTC1608 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC1608
Description  High Speed, 16-Bit, 500ksps Sampling A/D Converter with Shutdown
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1608 Datasheet(HTML) 2 Page - Linear Technology

  LTC1608 Datasheet HTML 1Page - Linear Technology LTC1608 Datasheet HTML 2Page - Linear Technology LTC1608 Datasheet HTML 3Page - Linear Technology LTC1608 Datasheet HTML 4Page - Linear Technology LTC1608 Datasheet HTML 5Page - Linear Technology LTC1608 Datasheet HTML 6Page - Linear Technology LTC1608 Datasheet HTML 7Page - Linear Technology LTC1608 Datasheet HTML 8Page - Linear Technology LTC1608 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2
LTC1608
ORDER
PART NUMBER
AVDD = DVDD = OVDD = VDD (Notes 1, 2)
Supply Voltage (VDD) ................................................ 6V
Negative Supply Voltage (VSS) ............................... – 6V
Total Supply Voltage (VDD to VSS) .......................... 12V
Analog Input Voltage
(Note 3) ......................... (VSS – 0.3V) to (VDD + 0.3V)
VREF Voltage (Note 4) ................. –0.3V to (VDD + 0.3V)
REFCOMP Voltage (Note 4) ......... – 0.3V to (VDD + 0.3V)
Digital Input Voltage (Note 4) ....................– 0.3V to 10V
Digital Output Voltage .................. – 0.3V to (VDD + 0.3V)
Power Dissipation ............................................. 500mW
Operating Temperature Range .................... 0
°C to 70°C
Storage Temperature Range ................ – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec)................. 300
°C
LTC1608CG
LTC1608ACG
PUT
I
A
A
LOG
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN
Analog Input Range (Note 2)
4.75
≤ VDD ≤ 5.25V, –5.25 ≤ VSS ≤ –4.75V,
±2.5
V
VSS ≤ (AIN
–, AIN+) ≤ AVDD
IIN
Analog Input Leakage Current
CS = High
q
±1
µA
CIN
Analog Input Capacitance
Between Conversions
43
pF
During Conversions
5
pF
tACQ
Sample-and-Hold Acquisition Time
380
ns
tAP
Sample-and-Hold Acquisition Delay Time
– 1.5
ns
tjitter
Sample-and-Hold Acquisition Delay Time Jitter
5
psRMS
CMRR
Analog Input Common Mode Rejection Ratio
– 2.5V < (AIN– = AIN+) < 2.5V
68
dB
The q denotes specifications that apply over the full operating temperature range, otherwise
specifications are at TA = 25°C.
TJMAX = 125°C, θJA = 95°C/W
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
TOP VIEW
G PACKAGE
36-LEAD PLASTIC SSOP
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
20
19
AVDD
AVDD
VSS
SHDN
CS
CONV
RD
OVDD
OGND
BUSY
D0
D1
D2
D3
D4
D5
D6
D7
AIN
+
AIN
–
VREF
REFCOMP
AGND
AGND
AGND
AGND
DVDD
DGND
D15 (MSB)
D14
D13
D12
D11
D10
D9
D8
CC
HARA TERISTICS
CO VERTER
LTC1608
LTC1608A
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
Resolution (No Missing Codes)
q
15
16
16
16
Bits
Integral Linearity Error
(Note 7)
q
±1
±4
±0.5
±2LSB
Transition Noise
(Note 8)
0.7
0.7
LSBRMS
Offset Error
(Note 9)
q
±0.05 ±0.125
±0.05 ±0.125
% FSR
Offset Tempco
(Note 9)
0.5
0.5
ppm/
°C
Full-Scale Error
Internal Reference
±0.125 ±0.25
±0.125 ±0.25
%
External Reference
±0.25
±0.25
%
Full-Scale Tempco
IOUT(Reference) = 0, Internal Reference
±15
±15
ppm/
°C
The q denotes specifications that apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. With Internal Reference (Notes 5, 6), unless otherwise noted.
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
Consult factory for parts specified with wider operating temperature ranges.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com