Electronic Components Datasheet Search
  English  ▼

X  

LTC1608 Datasheet(PDF) 18 Page - Linear Technology

Part # LTC1608
Description  High Speed, 16-Bit, 500ksps Sampling A/D Converter with Shutdown
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1608 Datasheet(HTML) 18 Page - Linear Technology

Back Button LTC1608 Datasheet HTML 12Page - Linear Technology LTC1608 Datasheet HTML 13Page - Linear Technology LTC1608 Datasheet HTML 14Page - Linear Technology LTC1608 Datasheet HTML 15Page - Linear Technology LTC1608 Datasheet HTML 16Page - Linear Technology LTC1608 Datasheet HTML 17Page - Linear Technology LTC1608 Datasheet HTML 18Page - Linear Technology LTC1608 Datasheet HTML 19Page - Linear Technology LTC1608 Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
18
LTC1608
APPLICATIO S I FOR ATIO
The dynamic performance is excellent for input frequen-
cies up to and beyond the Nyquist limit of 250kHz.
Effective Number of Bits
The effective number of bits (ENOBs) is a measurement of
the resolution of an ADC and is directly related to the
S/(N + D) by the equation:
ENOB = [S/(N + D) – 1.76]/6.02
where ENOB is the effective number of bits of resolution
and S/(N + D) is expressed in dB. At the maximum
sampling rate of 500kHz, the LTC1608 maintains above 14
bits up to the Nyquist input frequency of 250kHz (refer to
Figure 20).
FREQUENCY (kHz)
0
–40
–20
0
200
1608 F19b
–60
–80
50
100
150
250
–100
–120
–140
fSAMPLE = 500kHz
fIN = 98.754kHz
SINAD = 86.7dB
THD = –92.6dB
Figure 19b. Even with Inputs at 100kHz, the
LTC1608’s Dynamic Linearity Remains Robust
Total Harmonic Distortion
Total harmonic distortion (THD) is the ratio of the RMS
sum of all harmonics of the input signal to the fundamental
itself. The out-of-band harmonics alias into the frequency
band between DC and half the sampling frequency. THD is
expressed as:
THD
Log
VVV
Vn
V
=
++
+
20
23
4
1
22
2
2
...
where V1 is the RMS amplitude of the fundamental fre-
quency and V2 through Vn are the amplitudes of the
second through nth harmonics. THD vs Input Frequency is
shown in Figure 21. The LTC1608 has good distortion
performance up to the Nyquist frequency and beyond.
Intermodulation Distortion
If the ADC input signal consists of more than one spectral
component, the ADC transfer function nonlinearity can
produce intermodulation distortion (IMD) in addition to
THD. IMD is the change in one sinusoidal input caused by
the presence of another sinusoidal input at a different
frequency.
If two pure sine waves of frequencies fa and fb are applied
to the ADC input, nonlinearities in the ADC transfer
function can create distortion products at the sum and
difference frequencies of mfa
±nfb, where m and n = 0,
1, 2, 3, etc. For example, the 2nd order IMD terms include
FREQUENCY (kHz)
0
–40
–20
0
200
1608 F19a
–60
–80
50
100
150
250
–100
–120
–140
fSAMPLE = 500kHz
fIN = 2.807kHz
SINAD = 88.9dB
THD = –98dB
Figure 19a. This FFT of the LTC1608’s Conversion of a
Full-Scale 3kHz Sine Wave Shows Outstanding Response
with a Very Low Noise Floor When Sampling at 500ksps
FREQUENCY (Hz)
1k
16
15
14
13
12
11
10
9
8
98
92
86
80
74
68
62
56
50
10k
100k
1M
1608 F20
Figure 20. Effective Bits and Signal/(Noise + Distortion)
vs Input Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com