Electronic Components Datasheet Search
  English  ▼

X  

LTC1608 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC1608
Description  High Speed, 16-Bit, 500ksps Sampling A/D Converter with Shutdown
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1608 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC1608 Datasheet HTML 2Page - Linear Technology LTC1608 Datasheet HTML 3Page - Linear Technology LTC1608 Datasheet HTML 4Page - Linear Technology LTC1608 Datasheet HTML 5Page - Linear Technology LTC1608 Datasheet HTML 6Page - Linear Technology LTC1608 Datasheet HTML 7Page - Linear Technology LTC1608 Datasheet HTML 8Page - Linear Technology LTC1608 Datasheet HTML 9Page - Linear Technology LTC1608 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
6
LTC1608
AIN+ (Pin 1): Positive Analog Input. The ADC converts the
difference voltage between AIN+ and AIN– with a differen-
tial range of
±2.5V. AIN+ has a ±2.5V input range when
AIN– is grounded.
AIN– (Pin 2): Negative Analog Input. Can be grounded, tied
to a DC voltage or driven differentially with AIN+.
VREF (Pin 3): 2.5V Reference Output. Bypass to AGND with
2.2
µF tantalum in parallel with 0.1µF ceramic.
REFCOMP (Pin 4): 4.375V (Nominal) Reference Compen-
sation Pin. Bypass to AGND with 22
µF tantalum in parallel
with 0.1
µF ceramic. This is not recommended for use as
an external reference due to part-to-part output voltage
variations and glitches that occur during the conversion.
AGND (Pins 5 to 8): Analog Grounds. Tie to analog ground
plane.
DVDD (Pin 9): 5V Digital Power Supply. Bypass to DGND
with 10
µF tantalum in parallel with 0.1µF ceramic.
DGND (Pin 10): Digital Ground for Internal Logic. Tie to
analog ground plane.
D15 to D0 (Pins 11 to 26): Three-State Data Outputs. D15
is the Most Significant Bit.
BUSY (Pin 27): The BUSY output shows the converter
status. It is low when a conversion is in progress. Data is
valid on the rising edge of BUSY.
OGND (Pin 28): Digital Ground for Output Drivers.
OVDD (Pin 29): Digital Power Supply for Output Drivers.
Bypass to OGND with 10
µF tantalum in parallel with 0.1µF
ceramic.
RD (Pin 30): Read Input. A logic low enables the output
drivers when CS is low.
CONVST (Pin 31): Conversion Start Signal. This active
low signal starts a conversion on its falling edge when CS
is low.
CS (Pin 32): The Chip Select Input. Must be low for the ADC
to recognize CONVST and RD inputs.
SHDN (Pin 33): Power Shutdown. Drive this pin low with
CS low for nap mode. Drive this pin low with CS high for
sleep mode.
VSS (Pin 34): –5V Negative Supply. Bypass to AGND with
10
µF tantalum in parallel with 0.1µF ceramic.
AVDD (Pin 35): 5V Analog Power Supply. Bypass to AGND
with 10
µF tantalum in parallel with 0.1µF ceramic.
AVDD (Pin 36): 5V Analog Power Supply. Bypass to AGND
with 10
µF tantalum in parallel with 0.1µF ceramic and
connect this pin to Pin 35 with a 10
Ω resistor.
PI FU CTIO S
TYPICAL PERFOR A CE CHARACTERISTICS
Intermodulation Distortion
Power Supply Feedthrough
vs Ripple Frequency
Input Common Mode Rejection
vs Input Frequency
FREQUENCY (kHz)
0
–40
–20
0
200
1608 G07
–60
–80
50
100
150
250
–100
–120
–140
fSAMPLE = 500kHz
fIN1 = 96.56kHz
fIN2 = 99.98kHz
INPUT FREQUENCY (Hz)
1k
0
–20
–40
–60
–80
–100
–120
–140
10k
100k
1M
1608 G08
fSAMPLE = 500kHz
VRIPPLE = 10mV
VSS
AVDD
INPUT FREQUENCY (Hz)
1k
80
70
60
50
40
30
20
10
0
10k
100k
1608 G14a
1M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com