Electronic Components Datasheet Search
  English  ▼

X  

TMUX6113 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # TMUX6113
Description  36-V, Low-Capacitance, Low-Leakage-Current, Precision, Quad SPST Switches
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMUX6113 Datasheet(HTML) 16 Page - Texas Instruments

Back Button TMUX6113 Datasheet HTML 12Page - Texas Instruments TMUX6113 Datasheet HTML 13Page - Texas Instruments TMUX6113 Datasheet HTML 14Page - Texas Instruments TMUX6113 Datasheet HTML 15Page - Texas Instruments TMUX6113 Datasheet HTML 16Page - Texas Instruments TMUX6113 Datasheet HTML 17Page - Texas Instruments TMUX6113 Datasheet HTML 18Page - Texas Instruments TMUX6113 Datasheet HTML 19Page - Texas Instruments TMUX6113 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
TMUX611x
VDD
RC
CC
_
+
OPA2192
SW1
SW2
SEL3
SEL4
RC
CC
_
+
OPA2192
SW3
SW4
_
+
OPA2192
VIN1
_
+
OPA2192
VIN2
SEL1
SEL2
VOUT1
VOUT2
+15V
VDD
-15V
GND
CH
CH
CH
CH
+15V
-15V
+15V
-15V
+15V
-15V
+15V
-15V
TMUX611x
VDD
RC
CC
_
+
OPA2192
SW1
SW2
SEL3
SEL4
RC
CC
_
+
OPA2192
SW3
SW4
_
+
OPA2192
VIN1
_
+
OPA2192
VIN2
SEL1
SEL2
VOUT1
VOUT2
+15V
VDD
-15V
GND
CH
CH
CH
CH
+15V
-15V
+15V
-15V
+15V
-15V
+15V
-15V
16
TMUX6111, TMUX6112, TMUX6113
SCDS383 – AUGUST 2018
www.ti.com
Product Folder Links: TMUX6111 TMUX6112 TMUX6113
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
10 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
10.1 Application Information
The TMUX611x family offers outstanding input/output leakage currents and ultralow charge injection. These
devices operate up to 33 (dual supply) or 16.5V (single supply), and offer true rail-to-rail input and output. The
on-capacitance of the TMUX611x is very low. These features makes the TMUX611x a family of precision, robust,
high-performance analog multiplexer for high-voltage, industrial applications.
10.2 Typical Application
One useful application to take advantage of TMUX611x family's precision performance is the sample and hold
circuit. A sample and hold circuit can be useful for an analog to digital converter (ADC) to sample a varying input
voltage with improved reliability and stability. It can also be used to store the output samples from a single digital-
to-analog converter (DAC) in a multi-output application. A simple sample and hold circuit can be realized using
an analog switch like one of the TMUX611x analog switches.
Figure 14. A 2-output Sample and Hold Circuit Realized Using the TMUX611x Analog Switch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com