Electronic Components Datasheet Search
  English  ▼

X  

TMUX6113 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TMUX6113
Description  36-V, Low-Capacitance, Low-Leakage-Current, Precision, Quad SPST Switches
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMUX6113 Datasheet(HTML) 2 Page - Texas Instruments

  TMUX6113 Datasheet HTML 1Page - Texas Instruments TMUX6113 Datasheet HTML 2Page - Texas Instruments TMUX6113 Datasheet HTML 3Page - Texas Instruments TMUX6113 Datasheet HTML 4Page - Texas Instruments TMUX6113 Datasheet HTML 5Page - Texas Instruments TMUX6113 Datasheet HTML 6Page - Texas Instruments TMUX6113 Datasheet HTML 7Page - Texas Instruments TMUX6113 Datasheet HTML 8Page - Texas Instruments TMUX6113 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
2
TMUX6111, TMUX6112, TMUX6113
SCDS383 – AUGUST 2018
www.ti.com
Product Folder Links: TMUX6111 TMUX6112 TMUX6113
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Device Comparison Table..................................... 3
6
Pin Configuration and Functions ......................... 3
7
Specifications......................................................... 4
7.1
Absolute Maximum Ratings ...................................... 4
7.2
ESD Ratings.............................................................. 4
7.3
Thermal Information .................................................. 4
7.4
Recommended Operating Conditions ....................... 4
7.5
Electrical Characteristics (Dual Supplies: ±15 V) ..... 5
7.6
Switching Characteristics (Dual Supplies: ±15 V)..... 6
7.7
Electrical Characteristics (Single Supply: 12 V)........ 6
7.8
Switching Characteristics (Single Supply: 12 V) ....... 7
8
Parameter Measurement Information .................. 8
8.1
Truth Tables .............................................................. 8
9
Detailed Description .............................................. 9
9.1
Overview ................................................................... 9
9.2
Functional Block Diagram ....................................... 14
9.3
Feature Description................................................. 14
9.4
Device Functional Modes........................................ 15
10
Application and Implementation........................ 16
10.1
Application Information.......................................... 16
10.2
Typical Application ............................................... 16
11
Power Supply Recommendations ..................... 18
12
Layout................................................................... 19
12.1
Layout Guidelines ................................................. 19
12.2
Layout Example .................................................... 19
13
Device and Documentation Support ................. 20
13.1
Documentation Support ........................................ 20
13.2
Related Links ........................................................ 20
13.3
Receiving Notification of Documentation Updates 20
13.4
Community Resources.......................................... 20
13.5
Trademarks ........................................................... 20
13.6
Electrostatic Discharge Caution ............................ 20
13.7
Glossary ................................................................ 20
14
Mechanical, Packaging, and Orderable
Information ........................................................... 21
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
DATE
REVISION
NOTES
August 2018
*
Initial release.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com