Electronic Components Datasheet Search
  English  ▼

X  

TMUX6113 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TMUX6113
Description  36-V, Low-Capacitance, Low-Leakage-Current, Precision, Quad SPST Switches
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMUX6113 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TMUX6113 Datasheet HTML 2Page - Texas Instruments TMUX6113 Datasheet HTML 3Page - Texas Instruments TMUX6113 Datasheet HTML 4Page - Texas Instruments TMUX6113 Datasheet HTML 5Page - Texas Instruments TMUX6113 Datasheet HTML 6Page - Texas Instruments TMUX6113 Datasheet HTML 7Page - Texas Instruments TMUX6113 Datasheet HTML 8Page - Texas Instruments TMUX6113 Datasheet HTML 9Page - Texas Instruments TMUX6113 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
6
TMUX6111, TMUX6112, TMUX6113
SCDS383 – AUGUST 2018
www.ti.com
Product Folder Links: TMUX6111 TMUX6112 TMUX6113
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
7.6 Switching Characteristics (Dual Supplies: ±15 V)
at TA = 25°C, VDD = 15 V, and VSS = -15 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tON
Enable turn-on time
VS = ±10 V, RL = 300 Ω , CL = 35 pF
66
77
ns
VS = ±10 V, RL = 300 Ω , CL = 35 pF, TA = –40°C to
+85°C
107
ns
VS = ±10 V, RL = 300 Ω , CL = 35 pF, TA = –40°C to
+125°C
117
ns
tOFF
Enable turn-off time
VS = ±10 V, RL = 300 Ω , CL = 35 pF
56
68
ns
VS = ±10 V, RL = 300 Ω , CL = 35 pF, TA = –40°C to
+85°C
77
ns
VS = ±10 V, RL = 300 Ω , CL = 35 pF, TA = –40°C to
+125°C
81
ns
tBBM
Break-before-make time delay
(TMUX6113 Only)
VS = 10 V, RL = 300 Ω , CL = 35 pF, TA = –40°C to
+125°C
8
40
ns
QJ
Charge injection
VS = 0 V, RS = 0 Ω , CL = 1 nF
0.6
pC
VS = –15 V to 15 V, RS = 0 Ω , CL = 1 nF
1.3
pC
OISO
Off-isolation
RL = 50 Ω , CL = 5 pF, f = 1 MHz
–85
dB
XTALK
Channel-to-channel crosstalk
RL = 50 Ω , CL = 5 pF, f = 1 MHz, adjacent channel
–100
dB
RL = 50 Ω , CL = 5 pF, f = 1 MHz, non-
adjacentchannel
–115
dB
IL
Insertion loss
RL = 50 Ω , CL = 5 pF, f = 1 MHz
–7.5
dB
ACPSRR
AC Power Supply Rejection
Ratio
RL = 10 kΩ , CL = 5 pF, VPP= 0.62 V on VDD, f= 1
MHz
–59
dB
RL = 10 kΩ , CL = 5 pF, VPP= 0.62 V on VSS, f= 1
MHz
–59
dB
BW
-3dB Bandwidth
RL = 50 Ω , CL = 5 pF
800
MHz
THD
Total harmonic distortion +
noise
RL = 10k Ω , CL = 5 pF, f= 20Hz to 20kHz
0.08
%
CIN
Digital input capacitance
VIN = 0 V or VDD
1.5
pF
CS(OFF)
Source off-capacitance
VS = 0 V, f = 1 MHz (PW package)
1.9
3.0
pF
VS = 0 V, f = 1 MHz (RTE package)
2.5
3.6
pF
CD(OFF)
Drain off-capacitance
VS = 0 V, f = 1 MHz
2.4
3.1
pF
CS(ON),
CD(ON)
Source and drain on-
capacitance
VS = 0 V, f = 1 MHz
4.2
6.0
pF
(1)
When VS is positive, VD is negative, and vice versa.
7.7 Electrical Characteristics (Single Supply: 12 V)
at TA = 25°C, VDD = 12 V, and VSS = 0 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ANALOG SWITCH
VA
Analog signal range
TA = –40°C to +125°C
VSS
VDD
V
RON
On-resistance
VS = 10 V, IS = 1 mA
230
265
Ω
TA = –40°C to +85°C
355
Ω
TA = –40°C to +125°C
405
Ω
ΔRON
On-resistance mismatch
between channels
VS = 10 V, IS = 1 mA
5
18
Ω
TA = –40°C to +85°C
18
Ω
TA = –40°C to +125°C
19
Ω
RON_DRIFT
On-resistance drift
VS = 0 V
0.5
%/°C
IS(OFF)
Source off leakage current(1)
Switch state is off, VS =
10 V/ 1 V, VD = 1 V/ 10 V
–0.02
0.001
0.02
nA
TA = –40°C to +85°C
–0.1
0.05
nA
TA = –40°C to +125°C
-0.8
0.4
nA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com