Electronic Components Datasheet Search
  English  ▼

X  

TMUX6113 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TMUX6113
Description  36-V, Low-Capacitance, Low-Leakage-Current, Precision, Quad SPST Switches
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMUX6113 Datasheet(HTML) 4 Page - Texas Instruments

  TMUX6113 Datasheet HTML 1Page - Texas Instruments TMUX6113 Datasheet HTML 2Page - Texas Instruments TMUX6113 Datasheet HTML 3Page - Texas Instruments TMUX6113 Datasheet HTML 4Page - Texas Instruments TMUX6113 Datasheet HTML 5Page - Texas Instruments TMUX6113 Datasheet HTML 6Page - Texas Instruments TMUX6113 Datasheet HTML 7Page - Texas Instruments TMUX6113 Datasheet HTML 8Page - Texas Instruments TMUX6113 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
4
TMUX6111, TMUX6112, TMUX6113
SCDS383 – AUGUST 2018
www.ti.com
Product Folder Links: TMUX6111 TMUX6112 TMUX6113
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Rating may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Condition. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
7 Specifications
7.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
VDD to VSS
Supply voltage
36
V
VDD to GND
–0.3
18
V
VSS to GND
–18
0.3
V
VDIG
Digital input pin (SEL1, SEL2, SEL3, SEL4) voltage
GND –0.3
VDD+0.3
V
IDIG
Digital input pin (SEL1, SEL2, SEL3, SEL4) current
–30
30
mA
VANA_IN
Analog input pin (Sx) voltage
VSS–0.3
VDD+0.3
V
IANA_IN
Analog input pin (Sx) current
–30
30
mA
VANA_OUT
Analog output pin (D) voltage
VSS–0.3
VDD+0.3
V
IANA_OUT
Analog output pin (D) current
–30
30
mA
TA
Ambient temperature
–55
150
°C
TJ
Junction temperature
150
°C
Tstg
Storage temperature
–65
150
°C
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
7.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human body model (HBM), per
ANSI/ESDA/JEDEC JS-001, all pins(1)
±2000
V
Charged device model (CDM), per JEDEC
specification JESD22-C101, all pins(2)
±500
7.3 Thermal Information
THERMAL METRIC
TMUX6111/ TMUX6112/ TMUX6113
UNIT
PW (TSSOP)
RTE (QFN)
16 PINS
16 PINS
RθJA
Junction-to-ambient thermal resistance
111.0
TBD
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
41.7
TBD
°C/W
RθJB
Junction-to-board thermal resistance
57.2
TBD
°C/W
ΨJT
Junction-to-top characterization parameter
4.1
TBD
°C/W
ΨJB
Junction-to-board characterization parameter
56.6
TBD
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
N/A
TBD
°C/W
(1)
VDD and VSS can be any value as long as 10 V ≤ (VDD – VSS) ≤ 33 V.
(2)
VS is the voltage on all the S pins.
7.4 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VDD to VSS
(1)
Power supply voltage differential
10
33
V
VDD to GND
Positive power supply voltage (singlle supply, VSS = 0 V)
10
16.5
V
VDD to GND
Positive power supply voltage (dual supply)
5
16.5
V
VSS to GND
Negative power supply voltage (dual supply)
–5
–16.5
V
VS
(2)
Source pins voltage
VSS
VDD
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com