Electronic Components Datasheet Search
  English  ▼

X  

TMUX6113 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TMUX6113
Description  36-V, Low-Capacitance, Low-Leakage-Current, Precision, Quad SPST Switches
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMUX6113 Datasheet(HTML) 1 Page - Texas Instruments

  TMUX6113 Datasheet HTML 1Page - Texas Instruments TMUX6113 Datasheet HTML 2Page - Texas Instruments TMUX6113 Datasheet HTML 3Page - Texas Instruments TMUX6113 Datasheet HTML 4Page - Texas Instruments TMUX6113 Datasheet HTML 5Page - Texas Instruments TMUX6113 Datasheet HTML 6Page - Texas Instruments TMUX6113 Datasheet HTML 7Page - Texas Instruments TMUX6113 Datasheet HTML 8Page - Texas Instruments TMUX6113 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
SW
SW
SW
SW
S1
S2
S3
S4
SEL1
SEL2
SEL3
SEL4
D1
D2
D3
D4
TMUX6111
VDD
VSS
S1
S2
S3
S4
D1
D2
D3
D4
TMUX6112
VDD
VSS
SW
SW
SW
SW
S1
S2
S3
S4
D1
D2
D3
D4
TMUX6113
VDD
VSS
SW
SW
SW
SW
SEL1
SEL2
SEL3
SEL4
SEL1
SEL2
SEL3
SEL4
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. ADVANCE INFORMATION for pre-production products; subject to
change without notice.
TMUX6111, TMUX6112, TMUX6113
SCDS383 – AUGUST 2018
TMUX611x 36-V, Low-Capacitance, Low-Leakage-Current, Precision, Quad SPST Switches
1
1 Features
1
•
Low On-Capacitance: 4.2 pF
•
Low Input Leakage: 1 pA
•
Low Charge Injection: –0.6 pC
•
Rail-to-Rail Operation
•
Wide Supply Range: ±5 V to ±16.5 V (dual), 10 V
to 16.5 V (single)
•
Low On-Resistance: 125 Ω
•
Fast Switch Turn-On Time: 66 ns
•
Break-Before-Make Switching Action for
TMUX6113
•
EN Pin Connectable to VDD
•
Logic Levels: 2 V to VDD
•
Low Supply Current: 17 µA
•
ESD Protection HBM: 2000 V
•
Industry-Standard TSSOP and smaller WQFN
Package
2 Applications
•
Factory Automation and Industrial Process
Controls
•
Programmable Logic Controllers (PLC)
•
Analog Input Modules
•
ATE Test Equipment
•
Digital Multimeters
•
Battery Monitoring Systems
3 Description
The
TMUX6111,
TMUX6112,
and
TMUX6113
devices
are
modern
complementary
metal-oxide
semiconductor
(CMOS)
devices
that
have
four
independently
selectable
single-pole/single-throw
(SPST) switches. The devices work well with dual
supplies (±5 V to ±16.5 V), a single supply (10 V to
16.5 V), or unsymmetric supplies (such as VDD = 12
V, VSS = –5 V). All digital inputs have transistor-
transistor logic (TTL) compatible thresholds, ensuring
both TTL and CMOS logic compatibility.
The switches are turned on with Logic 0 on the digital
control inputs in the TMUX6111. Logic 1 is required
to
turn
on
switches
in
the
TMUX6112.
The
TMUX6113 has two switches with similar digital
control logic to the TMUX6111 while the logic is
inverted on the other two switches. The TMUX6113
has break-before-make (BBM) switching behavior,
allowing the device to be used in multiplexer
applications.
The
TMUX611x
devices
are
part
of
Texas
Instruments Precision Switches and Multiplexers
family. The devices have very low leakage current
and charge injection, allowing them to be used in
high-precision measurement applications. Low supply
current of 17 µA enables the device usage in portable
applications.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TMUX6111
TMUX6112
TMUX6113
TSSOP (16)
5.00 mm × 4.40 mm
WQFN (16)
3.00 mm x 3.00 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Simplified Schematic


Similar Part No. - TMUX6113

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMUX6113 TI2-TMUX6113 Datasheet
1Mb / 37P
TMUX611x ±17V, Low-capacitance, Low-leakage-current, Precision, Quad SPST Switches
REVISED JULY 2025
TMUX6113PWR TI2-TMUX6113PWR Datasheet
1Mb / 37P
TMUX611x ±17V, Low-capacitance, Low-leakage-current, Precision, Quad SPST Switches
REVISED JULY 2025
TMUX6113PWR.B TI2-TMUX6113PWR.B Datasheet
1Mb / 37P
TMUX611x ±17V, Low-capacitance, Low-leakage-current, Precision, Quad SPST Switches
REVISED JULY 2025
TMUX6113PWRG4 TI2-TMUX6113PWRG4 Datasheet
1Mb / 37P
TMUX611x ±17V, Low-capacitance, Low-leakage-current, Precision, Quad SPST Switches
REVISED JULY 2025
TMUX6113PWRG4.B TI2-TMUX6113PWRG4.B Datasheet
1Mb / 37P
TMUX611x ±17V, Low-capacitance, Low-leakage-current, Precision, Quad SPST Switches
REVISED JULY 2025
More results

Similar Description - TMUX6113

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MUX36S16 TI1-MUX36S16 Datasheet
633Kb / 38P
36-V, Low-Capacitance, Low-Leakage-Current, Precision Analog Multiplexers
MUX506 TI1-MUX506 Datasheet
637Kb / 38P
36-V, Low-Capacitance, Low-Leakage-Current, Precision Analog Multiplexers
logo
Vishay Siliconix
DG411LE VISHAY-DG411LE Datasheet
326Kb / 17P
Low Parasitic Capacitance and Leakage, Quad SPST Switches
07-Mar-16
logo
Texas Instruments
MUX36S16 TI1-MUX36S16_17 Datasheet
1Mb / 43P
36-V, Low-Capacitance, Low-Leakage-Current, Precision Analog Multiplexers
MUX506 TI1-MUX506_17 Datasheet
1Mb / 43P
36-V, Low-Capacitance, Low-Leakage-Current, Precision Analog Multiplexers
MUX36S08 TI1-MUX36S08_18 Datasheet
1Mb / 41P
36-V, Low-Capacitance, Low-Leakage-Current, Precision, Analog Multiplexers
MUX36S16 TI1-MUX36S16_18 Datasheet
1Mb / 47P
36-V, Low-Capacitance, Low-Leakage-Current, Precision Analog Multiplexers
TMUX6119 TI1-TMUX6119 Datasheet
362Kb / 23P
36-V, Low Capacitance, Low-Leakage-Current, Precision, SPDT Switches
TMUX6121 TI1-TMUX6121 Datasheet
1Mb / 32P
(-)16.5-V, Low-Capacitance, Low-Leakage-Current, Precision, Dual SPST Switches
MUX36S08 TI1-MUX36S08_19 Datasheet
2Mb / 46P
36-V, low-capacitance, low-leakage-current, precision, analog multiplexers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com