Electronic Components Datasheet Search
  English  ▼

X  

NFSW036AT Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # NFSW036AT
Description  LED
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

NFSW036AT Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button NFSW036AT Datasheet HTML 6Page - List of Unclassifed Manufacturers NFSW036AT Datasheet HTML 7Page - List of Unclassifed Manufacturers NFSW036AT Datasheet HTML 8Page - List of Unclassifed Manufacturers NFSW036AT Datasheet HTML 9Page - List of Unclassifed Manufacturers NFSW036AT Datasheet HTML 10Page - List of Unclassifed Manufacturers NFSW036AT Datasheet HTML 11Page - List of Unclassifed Manufacturers NFSW036AT Datasheet HTML 12Page - List of Unclassifed Manufacturers NFSW036AT Datasheet HTML 13Page - List of Unclassifed Manufacturers NFSW036AT Datasheet HTML 14Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
日亜化学工業 (株)
NFSW036A
型 名
名 称
050203537241
管理番号
初期電気/光学特性
350
550
650
750
450
0℃
25℃
50℃
85℃
-30℃
0.34
0.33
0.31
0.30
0.32
0.29
0.30
0.31
0.32
0.33
40mA
180mA
350mA
20mA
80mA
150mA
0°
10° 20°
30°
40°
50°
60°
70°
80°
90°
0.34
0.33
0.31
0.30
0.32
0.29
0.30
0.31
0.32
0.33
■ 指向特性
放射角度
1.0
0.5
0
■ 順電流-色度特性
x
■ 周囲温度-色度特性
x
■ 発光スペクトル
波長 λ
(nm)
1.2
1.0
0.8
0.4
0.2
0
0.6
Ta=25℃
IFP=150mA
IFP=150mA
Ta=25℃
0°
30°
0.5
90°
60°
1.0
Ta=25℃
IF=150mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com