Electronic Components Datasheet Search
  English  ▼

X  

S70GL02GP Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # S70GL02GP
Description  2 Gbit, 3V Page Mode S70GL-P MirrorBit짰 Flash
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S70GL02GP Datasheet(HTML) 3 Page - Cypress Semiconductor

  S70GL02GP Datasheet HTML 1Page - Cypress Semiconductor S70GL02GP Datasheet HTML 2Page - Cypress Semiconductor S70GL02GP Datasheet HTML 3Page - Cypress Semiconductor S70GL02GP Datasheet HTML 4Page - Cypress Semiconductor S70GL02GP Datasheet HTML 5Page - Cypress Semiconductor S70GL02GP Datasheet HTML 6Page - Cypress Semiconductor S70GL02GP Datasheet HTML 7Page - Cypress Semiconductor S70GL02GP Datasheet HTML 8Page - Cypress Semiconductor S70GL02GP Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Document Number: 002-01338 Rev. *D
Page 3 of 11
S70GL02GP
Contents
1.
Ordering Information ................................................... 4
1.1 Recommended Combinations........................................ 4
2.
Input/Output Description and Logic Symbol............. 5
2.1 Special Handling Instructions for BGA Package............ 6
2.2 LSE064—64 ball Fortified Ball Grid Array, 13 ´ 11 mm . 7
3.
Memory Map.................................................................. 8
4.
Autoselect ..................................................................... 8
5.
Erase And Programming Performance....................... 8
6.
BGA Package Capacitance .......................................... 9
7.
Revision History.......................................................... 10



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com