Electronic Components Datasheet Search
  English  ▼

X  

S70GL02GP Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # S70GL02GP
Description  2 Gbit, 3V Page Mode S70GL-P MirrorBit짰 Flash
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S70GL02GP Datasheet(HTML) 1 Page - Cypress Semiconductor

  S70GL02GP Datasheet HTML 1Page - Cypress Semiconductor S70GL02GP Datasheet HTML 2Page - Cypress Semiconductor S70GL02GP Datasheet HTML 3Page - Cypress Semiconductor S70GL02GP Datasheet HTML 4Page - Cypress Semiconductor S70GL02GP Datasheet HTML 5Page - Cypress Semiconductor S70GL02GP Datasheet HTML 6Page - Cypress Semiconductor S70GL02GP Datasheet HTML 7Page - Cypress Semiconductor S70GL02GP Datasheet HTML 8Page - Cypress Semiconductor S70GL02GP Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
S70GL02GP
2 Gbit, 3V Page Mode
S70GL-P MirrorBit® Flash
Cypress Semiconductor Corporation
•
198 Champion Court
•
San Jose
, CA 95134-1709
•
408-943-2600
Document Number: 002-01338 Rev. *D
Revised March 16, 2016
General Description
The Cypress S70GL02GP 2 Gbit Mirrorbit Flash device is fabricated on 90-nm process technology. This device offers a fast page
access time of 25 ns with a corresponding random access time of 110 ns. It features a Write Buffer that allows a maximum of 32
words/64 bytes to be programmed in one operation, resulting in faster effective programming time than standard single byte/word
programming algorithms. This makes the device an ideal product for today’s embedded applications that require higher density,
better performance and lower power consumption.
This document contains information for the S70GL02GP device, which is a dual die stack of two S29GL01GP die. For detailed
specifications, refer to the discrete die datasheet provided in Table 1.
Distinctive Characteristics
Two 1024 Mbit (S29GL01GP) in a single 64-ball Fortified-
BGA package (see S29GL01P datasheet for full
specifications)
Single 3V read/program/erase (3.0V - 3.6V)
90 nm MirrorBit process technology
8-word/16-byte page read buffer
32-word/64-byte write buffer reduces overall programming
time for multiple-word writes
Secured Silicon Sector region
– 128-word/256-byte sector for permanent, secure
identification through an 8-word/16-byte random Electronic
Serial Number
– Can be programmed and locked at the factory or by the
customer
Uniform 64Kword/128KByte Sector Architecture
– S70GL02GP: two thousand forty-eight sectors
100,000 erase cycles per sector typical
20-year data retention typical
Offered Packages
– 64-ball Fortified BGA
Suspend and Resume commands for Program and Erase
operations
Write operation status bits indicate program and erase
operation completion
Unlock Bypass Program command to reduce programming
time
Support for Common Flash Interface (CFI)
Persistent and Password methods of Advanced Sector
Protection
WP#/ACC input
– Accelerates programming time (when VACC is applied) for
greater throughput during system production
– Protects first or last sector of each die, regardless of sector
protection settings
Hardware reset input (RESET#) resets device
Ready/Busy# output (RY/BY#) detects program or erase
cycle completion
Table 1. Affected Documents/Related Documents
Title
Publication Number
S29GL01GP, S29GL512P, S29GL256P, S29GL128P
1 Gbit, 512, 256, 128 Mbit, 3 V, Page Flash with 90 nm MirrorBit
Process Technology
002-00886


Similar Part No. - S70GL02GP

ManufacturerPart #DatasheetDescription
logo
SPANSION
S70GL02GP SPANSION-S70GL02GP Datasheet
313Kb / 14P
2 Gigabit, 3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
S70GL02GP10FAI010 SPANSION-S70GL02GP10FAI010 Datasheet
313Kb / 14P
2 Gigabit, 3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
S70GL02GP10FAI012 SPANSION-S70GL02GP10FAI012 Datasheet
313Kb / 14P
2 Gigabit, 3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
S70GL02GP10FAI013 SPANSION-S70GL02GP10FAI013 Datasheet
313Kb / 14P
2 Gigabit, 3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
S70GL02GP10FAI020 SPANSION-S70GL02GP10FAI020 Datasheet
313Kb / 14P
2 Gigabit, 3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
More results

Similar Description - S70GL02GP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
NAND01G-B STMICROELECTRONICS-NAND01G-B Datasheet
631Kb / 64P
1 Gbit, 2 Gbit, 2112 Byte/1056 Word Page, 1.8V/3V, NAND Flash Memory
13-Feb-2006
logo
List of Unclassifed Man...
MX28F128J3 ETC1-MX28F128J3 Datasheet
35Kb / 6P
128M [x8/x16] SINGLE 3V PAGE MODE FLASH MEMORY
logo
STMicroelectronics
NAND04GW3B2B STMICROELECTRONICS-NAND04GW3B2B Datasheet
501Kb / 58P
4 Gbit, 8 Gbit, 2112 Byte/1056 Word Page 3V, NAND Flash Memories
30-May-2006
NAND01G-B2B STMICROELECTRONICS-NAND01G-B2B Datasheet
711Kb / 62P
1 Gbit, 2 Gbit, 2112 Byte/1056 Word Page, 1.8V/3V, NAND Flash Memory
23-Nov-2006
logo
Numonyx B.V
NAND01G-B2B NUMONYX-NAND01G-B2B Datasheet
1Mb / 60P
1-Gbit, 2-Gbit, 2112-byte/1056-word page, 1.8 V/3 V, NAND flash memory
NAND04GW3B2B NUMONYX-NAND04GW3B2B Datasheet
1Mb / 58P
4 Gbit, 8 Gbit, 2112 Byte/1056 Word Page 3V, NAND Flash Memories
logo
SPANSION
S29GL128P10TFI020 SPANSION-S29GL128P10TFI020 Datasheet
2Mb / 81P
MirrorBit짰 Flash Family
S29GL256P90TFCR20 SPANSION-S29GL256P90TFCR20 Datasheet
2Mb / 81P
MirrorBit짰 Flash Family
logo
Cypress Semiconductor
S34MS01G2 CYPRESS-S34MS01G2 Datasheet
2Mb / 74P
1 Gbit/2 Gbit/4 Gbit SLC NAND Flash for Embedded
logo
STMicroelectronics
NAND512-B STMICROELECTRONICS-NAND512-B Datasheet
383Kb / 59P
512 Mbit, 1 Gbit, 2 Gbit, 4 Gbit, 8 Gbit 2112 Byte/1056 Word Page, 1.8V/3V, NAND Flash Memory
25-Feb-2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com