Electronic Components Datasheet Search
  English  ▼

X  

S70GL02GP Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # S70GL02GP
Description  2 Gbit, 3V Page Mode S70GL-P MirrorBit짰 Flash
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S70GL02GP Datasheet(HTML) 2 Page - Cypress Semiconductor

  S70GL02GP Datasheet HTML 1Page - Cypress Semiconductor S70GL02GP Datasheet HTML 2Page - Cypress Semiconductor S70GL02GP Datasheet HTML 3Page - Cypress Semiconductor S70GL02GP Datasheet HTML 4Page - Cypress Semiconductor S70GL02GP Datasheet HTML 5Page - Cypress Semiconductor S70GL02GP Datasheet HTML 6Page - Cypress Semiconductor S70GL02GP Datasheet HTML 7Page - Cypress Semiconductor S70GL02GP Datasheet HTML 8Page - Cypress Semiconductor S70GL02GP Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
S70GL02GP
Document Number: 002-01338 Rev. *D
Page 2 of 11
Performance Characteristics
Notes
1. Access times are dependent on VCC and VIO operating ranges. See Ordering Information on page 4 for further details.
2. Contact a sales representative for availability.
Max. Read Access Times (ns)(Note 1)
Parameter
2 Gb
Random Access Time (tACC)110
Page Access Time (tPACC)25
CE# Access Time (tCE)
110
OE# Access Time (tOE)
25
Current Consumption (typical values)
Random Access Read
30 mA
8-Word Page Read
1 mA
Program/Erase
50 mA
Standby
2 µA
Program & Erase Times (typical values)
Single Word Programming
60 µs
Effective Write Buffer Programming (VCC) Per Word
15 µs
Effective Write Buffer Programming (VACC) Per Word
15 µs
Sector Erase Time (64 Kword Sector)
0.5 s



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com