Electronic Components Datasheet Search
  English  ▼

X  

S70GL02GP Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # S70GL02GP
Description  2 Gbit, 3V Page Mode S70GL-P MirrorBit짰 Flash
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S70GL02GP Datasheet(HTML) 4 Page - Cypress Semiconductor

  S70GL02GP Datasheet HTML 1Page - Cypress Semiconductor S70GL02GP Datasheet HTML 2Page - Cypress Semiconductor S70GL02GP Datasheet HTML 3Page - Cypress Semiconductor S70GL02GP Datasheet HTML 4Page - Cypress Semiconductor S70GL02GP Datasheet HTML 5Page - Cypress Semiconductor S70GL02GP Datasheet HTML 6Page - Cypress Semiconductor S70GL02GP Datasheet HTML 7Page - Cypress Semiconductor S70GL02GP Datasheet HTML 8Page - Cypress Semiconductor S70GL02GP Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
S70GL02GP
Document Number: 002-01338 Rev. *D
Page 4 of 11
1.
Ordering Information
The ordering part number is formed by a valid combination of the following:
1.1
Recommended Combinations
Recommended Combinations table below list various configurations planned to be available in volume. The table below will be
updated as new combinations are released. Check with your local sales representative to confirm availability of specific
configuration not listed or to check on newly released combinations.
Notes
1. Contact a local sales representative for availability.
2. BGA package marking omits leading “S29” and packing type designator from ordering part number.
3. Packing Type “0” is standard option.
S70GL02GP
11
F
F
C
R1
0
PACKING TYPE
0 = Tray (standard; see (Note 3)
2 = 7” Tape and Reel
3 = 13” Tape and Reel
MODEL NUMBER (VIO range, protection when WP# =VIL)
R1 = VIO = VCC = 3.0 to 3.6V, highest address sector protected
R2 = VIO = VCC = 3.0 to 3.6V, lowest address sector protected
TEMPERATURE RANGE
I = Industrial (–40 °C to +85 °C)
C = Commercial (0 °C to +85 °C)
PACKAGE MATERIALS SET
A = Pb (Note 1)
F = Pb-free
PACKAGE TYPE
F = Fortified Ball Grid Array, 1.0 mm pitch package
SPEED OPTION
11 = 110 ns
DEVICE NUMBER/DESCRIPTION
S70GL02GP
3.0V-only, 2048 Megabit (128 M x 16-Bit/256 M x 8-Bit) Page-Mode Flash Memory
Manufactured on 90 nm MirrorBit process technology
S29GL-P Recommended Combinations (Note 1)
Base OPN
Speed (ns)
Package and
Temperature
Model Number
Packing Type
Ordering Part Number
(x = Packing Type)
S70GL02GP
110
FFC, FAC (Note 2)
R1, R2
0, 2, 3 (Note 3)
S70GL02GP11FFCR1x
S70GL02GP11FFCR2x
S70GL02GP11FACR1x
S70GL02GP11FACR2x



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com