Electronic Components Datasheet Search
  English  ▼

X  

S70GL02GP Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # S70GL02GP
Description  2 Gbit, 3V Page Mode S70GL-P MirrorBit짰 Flash
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S70GL02GP Datasheet(HTML) 5 Page - Cypress Semiconductor

  S70GL02GP Datasheet HTML 1Page - Cypress Semiconductor S70GL02GP Datasheet HTML 2Page - Cypress Semiconductor S70GL02GP Datasheet HTML 3Page - Cypress Semiconductor S70GL02GP Datasheet HTML 4Page - Cypress Semiconductor S70GL02GP Datasheet HTML 5Page - Cypress Semiconductor S70GL02GP Datasheet HTML 6Page - Cypress Semiconductor S70GL02GP Datasheet HTML 7Page - Cypress Semiconductor S70GL02GP Datasheet HTML 8Page - Cypress Semiconductor S70GL02GP Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
S70GL02GP
Document Number: 002-01338 Rev. *D
Page 5 of 11
2.
Input/Output Description and Logic Symbol
Table 1 identifies the input and output package connections provided on the device.
Table 1. Input/Output Description
Symbol
Type
Description
A26–A0
Input
Address lines for GL02GP
DQ14–DQ0
I/O
Data input/output.
DQ15/A-1
I/O
DQ15: Data input/output in word mode.
A-1: LSB address input in byte mode.
CE#
Input
Chip Enable.
OE#
Input
Output Enable.
WE#
Input
Write Enable.
VCC
Supply
Device Power Supply.
VIO
Supply
Versatile IO Input.
VSS
Supply
Ground.
RY/BY#
Output
Ready/Busy. Indicates whether an Embedded Algorithm is in progress or complete. At VIL, the
device is actively erasing or programming. At High Z, the device is in ready.
BYTE#
Input
Selects data bus width. At VIL, the device is in byte configuration and data I/O pins DQ0-DQ7 are
active. At VIH, the device is in word configuration and data I/O pins DQ0-DQ15 are active.
RESET#
Input
Hardware Reset. Low = device resets and returns to reading array data.
WP#/ACC
Input
Write Protect/Acceleration Input. At VIL, disables program and erase functions in the outermost
sectors. At VHH, accelerates programming; automatically places device in unlock bypass mode.
Should be at VIH for all other conditions.
NC
No Connect
Not connected internally.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com