Electronic Components Datasheet Search
  English  ▼

X  

ADV7482WBBCZ Datasheet(PDF) 5 Page - Analog Devices

Part # ADV7482WBBCZ
Description  Integrated Video Decoder and HDMI Receiver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7482WBBCZ Datasheet(HTML) 5 Page - Analog Devices

  ADV7482WBBCZ Datasheet HTML 1Page - Analog Devices ADV7482WBBCZ Datasheet HTML 2Page - Analog Devices ADV7482WBBCZ Datasheet HTML 3Page - Analog Devices ADV7482WBBCZ Datasheet HTML 4Page - Analog Devices ADV7482WBBCZ Datasheet HTML 5Page - Analog Devices ADV7482WBBCZ Datasheet HTML 6Page - Analog Devices ADV7482WBBCZ Datasheet HTML 7Page - Analog Devices ADV7482WBBCZ Datasheet HTML 8Page - Analog Devices ADV7482WBBCZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
Data Sheet
ADV7482
SPECIFICATIONS
ELECTRICAL CHARACTERISTICS
AVDD = 1.71 V to 1.89 V, DVDD = 1.71 V to 1.89 V, PVDD = 1.71 V to 1.89 V, MVDD = 1.71 V to 1.89 V, CVDD = 1.71 V to 1.89 V,
DVDDIO = 3.14 V to 3.46 V, and TVDD = 3.14 V to 3.46 V, specified at operating temperature range, unless otherwise noted.
Table 1.
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
STATIC PERFORMANCE
Resolution (Each ADC)
N
10
Bits
Integral Nonlinearity
INL
CVBS mode
2
LSB
Differential Nonlinearity
DNL
CVBS mode
±0.6
LSB
DIGITAL INPUTS1
SCLK, SDATA, RESET, ALSB, LLC, and P0 to P7
Input High Voltage
VIH
DVDDIO = 3.14 V to 3.46 V
2
V
Input Low Voltage
VIL
DVDDIO = 3.14 V to 3.46 V
0.8
V
Input Leakage Current
IIN
−10
+10
µA
Input Capacitance2
CIN
10
pF
CRYSTAL INPUT
Input High Voltage
VIH
XTALP
1.2
V
Input Low Voltage
VIL
XTALP
0.4
V
DIGITAL OUTPUTS1
LLC, P0 to P7, I2S_MCLK, I2S_SCLK, I2S_LRCLK,
I2S_SDATA, SDATA, INTRQ1 and INTRQ2 (when
configured to drive when active)
Output High Voltage
VOH
DVDDIO = 3.14 V to 3.46 V and ISOURCE = 0.4 mA
2.4
V
Output Low Voltage
VOL
DVDDIO = 3.14 V to 3.46 V and ISINK = 3.2 mA
0.4
V
High Impedance Leakage Current
ILEAK
10
µA
Output Capacitance2
COUT
20
pF
POWER REQUIREMENTS
Digital Power Supply
DVDD
1.71
1.8
1.89
V
HDMI Terminator Supply
TVDD
3.14
3.3
3.46
V
HDMI Comparator Supply
CVDD
1.71
1.8
1.89
V
PLL Power Supply
PVDD
1.71
1.8
1.89
V
MIPI Transmitters Power Supply
MVDD
1.71
1.8
1.89
V
Digital Input/Output Power Supply1
DVDDIO
3.3 V operation
3.14
3.3
3.46
V
Analog Power Supply
AVDD
1.71
1.8
1.89
V
CURRENT CONSUMPTION1, 2, 3, 4
Digital Supply Current
IDVDD
279
mA
Single-Ended CVBS Input
74.5
mA
Fully Differential and Pseudo Differential
CVBS Input
74.7
mA
Y/C Input
71.3
mA
YPbPr Input
72.8
mA
HDMI Input
68.1
mA
8-Bit Digital Input
32.5
mA
HDMI Terminator Supply Current
ITVDD
40
mA
Single-Ended CVBS Input
0.7
mA
Fully Differential and Pseudo Differential
CVBS Input
0.7
mA
Y/C Input
0.7
mA
YPbPr Input
0.7
mA
HDMI Input
35
mA
8-Bit Digital Input
0.7
mA
Rev. 0 | Page 5 of 20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com