Electronic Components Datasheet Search
  English  ▼

X  

ADV7482WBBCZ Datasheet(PDF) 9 Page - Analog Devices

Part # ADV7482WBBCZ
Description  Integrated Video Decoder and HDMI Receiver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7482WBBCZ Datasheet(HTML) 9 Page - Analog Devices

Back Button ADV7482WBBCZ Datasheet HTML 5Page - Analog Devices ADV7482WBBCZ Datasheet HTML 6Page - Analog Devices ADV7482WBBCZ Datasheet HTML 7Page - Analog Devices ADV7482WBBCZ Datasheet HTML 8Page - Analog Devices ADV7482WBBCZ Datasheet HTML 9Page - Analog Devices ADV7482WBBCZ Datasheet HTML 10Page - Analog Devices ADV7482WBBCZ Datasheet HTML 11Page - Analog Devices ADV7482WBBCZ Datasheet HTML 12Page - Analog Devices ADV7482WBBCZ Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
Data Sheet
ADV7482
TIMING SPECIFICATIONS
AVDD = 1.71 V to 1.89 V, DVDD = 1.71 V to 1.89 V, PVDD = 1.71 V to 1.89 V, MVDD = 1.71 V to 1.89 V, CVDD = 1.71 V to 1.89 V,
DVDDIO = 3.14 V to 3.46 V, and TVDD = 3.14 V to 3.46 V, specified at operating temperature range, unless otherwise noted.
Table 5.
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
CLOCK AND CRYSTAL
Nominal Frequency1
Required by design
28.63636
MHz
Frequency Stability1
Required by design
±50
ppm
Input LLC Clock Frequency
Range2, 3
DVDDIO = 3.14 V to 3.46 V
13.5
148.5
MHz
Output LLC Clock Frequency
Range2,3
DVDDIO = 3.14 V to 3.46 V
13.5
148.5
MHz
I2S_SCLK Frequency3
12.288
MHz
I2S_MCLK Frequency3
24.576
MHz
I2C PORT
SCLK Frequency
400
kHz
SCLK Minimum Pulse Width High
t1
0.6
µs
SCLK Minimum Pulse Width Low
t2
1.3
µs
Hold Time (Start Condition)
t3
0.6
µs
Setup Time (Start Condition)
t4
0.6
µs
SDATA Setup Time
t5
100
ns
SCLK and SDATA Rise Times
t6
300
ns
SCLK and SDATA Fall Times
t7
300
ns
Setup Time (Stop Condition)
t8
0.6
µs
RESET FEATURE
RESET Pulse Width1
5
ms
8-BIT DIGITAL INPUT PORT2
DVDDIO = 3.14 V to 3.46 V
LLC High Time3
t21
45
55
% duty
cycle
LLC Low Time3
45
55
% duty
cycle
SDR and DDR Modes Setup Time
t22
Data latched on rising edge
1
ns
SDR and DDR Modes Hold Time
t23
Data latched on rising edge
1
ns
DDR Mode Setup Time
t24
Data latched on falling edge
1
ns
DDR Mode Hold Time
t25
Data latched on falling edge
1
ns
8-BIT DIGITAL OUTPUT PORT2
DVDDIO = 3.14 V to 3.46 V
LLC High Time
t26
40
60
% duty
cycle
LLC Low Time
40
60
% duty
cycle
SDR Modes Setup Time4, 5
t36
At P0 to P7 output pin, data latched on rising
edge
1.98
ns
SDR Modes Hold Time4, 5
t37
At P0 to P7 output pin, data latched on rising
edge
2.50
ns
DDR Modes Setup Time4, 5
t27
At P0 to P7 output pin, data latched on rising
edge
1.66
ns
DDR Modes Hold Time4, 5
t28
At P0 to P7 output pin, data latched on rising
edge
3.52
ns
DDR Mode Setup TIme4, 5
t29
At P0 to P7 output pin, data latched on falling
edge
1.71
ns
DDR Modes Hold Time4, 5
t30
At P0 to P7 output pin, data latched on falling
edge
3.17
ns
Rev. 0 | Page 9 of 20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com