Electronic Components Datasheet Search
  English  ▼

X  

ADV7630 Datasheet(PDF) 1 Page - Analog Devices

Part # ADV7630
Description  2.25 GHz XpressView HDMI 1:2 Splitter with 4:1 Input Mux
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7630 Datasheet(HTML) 1 Page - Analog Devices

  ADV7630 Datasheet HTML 1Page - Analog Devices ADV7630 Datasheet HTML 2Page - Analog Devices ADV7630 Datasheet HTML 3Page - Analog Devices ADV7630 Datasheet HTML 4Page - Analog Devices ADV7630 Datasheet HTML 5Page - Analog Devices ADV7630 Datasheet HTML 6Page - Analog Devices ADV7630 Datasheet HTML 7Page - Analog Devices ADV7630 Datasheet HTML 8Page - Analog Devices ADV7630 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
2.25 GHz XpressView
HDMI 1:2 Splitter with 4:1 Input Mux
Data Sheet
ADV7630
Rev. 0
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2012 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
2.25 GHz TMDS HDMI 1:2 splitter with 4:1 input mux
High-Definition Multimedia Interface (HDMI) supported
All mandatory and additional 3D video formats supported
CEC 1.4-compatible
225 MHz maximum TMDS clock frequency
XpressView fast switching on all HDMI input ports
36-/30-bit per pixel Deep Color and 24-bit per pixel color
support
High-bandwidth Digital Content Protection (HDCP) 1.4
support with internal HDCP keys
HDCP repeater support
Up to 127 KSVs supported
Integrated CEC controller
5 V detect and hot plug assert for each HDMI port
EDID data extraction on HDMI outputs
Hot plug detection (HPD) input on HDMI outputs
General
Interrupt controller with interrupt output
On-chip 5 V regulator for 5 V HDMI cable power support
Software libraries, driver, and application available
Internal EDID RAM
128-lead 14 mm × 14 mm TQFP_EP package
APPLICATIONS
Video conferencing
HDTV
AVR, HTiB
Soundbar
Video switch
HDMI splitter
FUNCTIONAL BLOCK DIAGRAM
Figure 1.
HDMI 1
HDMI 2
DDC
DDC
I2C
INT
I2C
INT
ADV7630
HDMI 3
HDMI 4
HDCP
KEYS
FAST
SWITCH
DEEP
COLOR
HDMIRX
4:1
MUX
CEC
CEC
HDMI TXA
TMDS
DDC
TMDS
DDC
TMDS
DDC
TMDS
DDC
TMDS
TMDS
TX EDID/HDCP
BUFFER
HDMI TXB
1:2
SPLITTER


Similar Part No. - ADV7630

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7604 AD-ADV7604 Datasheet
80Kb / 2P
12-Bit, 170 MHz, Video and Graphics Digitizer with Quad HDMI Receiver
Rev. SpC
ADV7604 AD-ADV7604 Datasheet
354Kb / 20P
12-Bit, 170 MHz, Video and Graphics Digitizer with Quad HDMI Receiver
Sep-2013
ADV7604BBCZ-5 AD-ADV7604BBCZ-5 Datasheet
80Kb / 2P
12-Bit, 170 MHz, Video and Graphics Digitizer with Quad HDMI Receiver
Rev. SpC
ADV7604BBCZ-5 AD-ADV7604BBCZ-5 Datasheet
354Kb / 20P
12-Bit, 170 MHz, Video and Graphics Digitizer with Quad HDMI Receiver
Sep-2013
ADV7604BBCZ-5P AD-ADV7604BBCZ-5P Datasheet
80Kb / 2P
12-Bit, 170 MHz, Video and Graphics Digitizer with Quad HDMI Receiver
Rev. SpC
More results

Similar Description - ADV7630

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100EP15V MICREL-SY100EP15V Datasheet
104Kb / 8P
3.3V / 5V 2.5GHz PECL/ECL 1:4 FANOUT BUFFER WITH 2:1 INPUT MUX
logo
Motorola, Inc
MC100ES6130 MOTOROLA-MC100ES6130 Datasheet
280Kb / 8P
2.5/3.3V 1:4 PECL Clock Driver with 2:1 Input MUX
logo
Silicon Laboratories
SI53323 SILABS-SI53323 Datasheet
1Mb / 23P
1:4 LOW-JITTER LVPECL CLOCK BUFFER WITH 2:1 INPUT MUX
SI53340 SILABS-SI53340 Datasheet
3Mb / 23P
1:4 LOW-JITTER LVDS CLOCK BUFFER WITH 2:1 INPUT MUX
logo
Pericom Semiconductor C...
PI3WVR31310A PERICOM-PI3WVR31310A Datasheet
1Mb / 16P
DP/HDMI 1:3 De-mux/Mux switches
logo
Analog Devices
ADV7619 AD-ADV7619_15 Datasheet
424Kb / 24P
Dual Port, Xpressview, 3 GHz HDMI Receiver
10/15-Rev. C to Rev. D
logo
Diodes Incorporated
PI3WVR31310A DIODES-PI3WVR31310A Datasheet
1Mb / 17P
DP/HDMI 1:3 De-mux/Mux Switches
01/09/17
logo
Renesas Technology Corp
MC100ES6130 RENESAS-MC100ES6130 Datasheet
597Kb / 10P
2.5/3.3V 1:4 PECL Clock Driver with 2:1 Input MUX
2019
logo
Skyworks Solutions Inc.
SI53311 SKYWORKS-SI53311 Datasheet
1Mb / 30P
1:6 LOW JITTER UNIVERSAL BUFFER/LEVEL TRANSLATOR WITH 2:1 INPUT MUX (<1.25 GHZ)
Rev. 0.4
SI53312 SKYWORKS-SI53312 Datasheet
2Mb / 33P
1:10 LOW JITTER UNIVERSAL BUFFER/LEVEL TRANSLATOR WITH 2:1 INPUT MUX (<1.25 GHZ)
Rev. 1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com