Electronic Components Datasheet Search
  English  ▼

X  

ADV7630 Datasheet(PDF) 9 Page - Analog Devices

Part # ADV7630
Description  2.25 GHz XpressView HDMI 1:2 Splitter with 4:1 Input Mux
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7630 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADV7630 Datasheet HTML 5Page - Analog Devices ADV7630 Datasheet HTML 6Page - Analog Devices ADV7630 Datasheet HTML 7Page - Analog Devices ADV7630 Datasheet HTML 8Page - Analog Devices ADV7630 Datasheet HTML 9Page - Analog Devices ADV7630 Datasheet HTML 10Page - Analog Devices ADV7630 Datasheet HTML 11Page - Analog Devices ADV7630 Datasheet HTML 12Page - Analog Devices ADV7630 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Data Sheet
ADV7630
Rev. 0 | Page 9 of 16
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
Figure 5. Pin Configuration
DNC
RESET
2
3
4
7
6
5
1
8
9
10
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
11
95
94
93
90
91
92
96
89
88
87
85
84
83
82
81
80
79
78
77
76
75
74
73
72
71
70
69
68
67
66
65
86
PIN 1
IDENTIFIER
ADV7630
EXPOSED PADDLE—PIN 0 GND (BOTTOM)
TOP VIEW
(Not to Scale)
DNC
DNC
DNC
DVDD
CVDD
RXD_2+
RXD_2–
RXD_1+
RXD_1–
TVDD
RXD_0+
RXD_0–
RXD_C+
RXD_C–
CVDD
DVDD
SYS_3P3V
HPA_A
RXA_5V
RXB_5V
HPA_C
RXC_5V
HPA_D
RXD_5V
REG_1P8V
EP_CS
EP_SCK
EP_MISO
EP_MOSI
REG_3P3V
DNC
DNC
DNC
DNC
DNC
INT1
CLK_IN
CEC
DVDDIO
SDA
SCL
CS
DVDD
TXB_PVDD
TXB_PVDD
NC
TXB_PVDD
TXB_HPD
TX_AVDD
TXB_C–
TXB_C+
TX_AVDD
TXB_0–
TXB_0+
TX_AVDD
TXB_1–
TXB_1+
TXB_2–
TXB_2+
TX_AVDD
HPA_B
DNC
NOTES
1. PINS LABELED NC CAN BE ALLOWED TO FLOAT, BUT IT IS BETTER TO CONNECT THESE PINS TO GROUND.
AVOID ROUTING HIGH SPEED SIGNALS THROUGH THESE PINS BECAUSE NOISE COUPLING MAY RESULT.
2. EXPOSED PAD SHOULD BE CONNECTED TO GND.
3. DNC = DO NOT CONNECT TO THIS PIN.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com