Electronic Components Datasheet Search
  English  ▼

X  

ADV7630 Datasheet(PDF) 11 Page - Analog Devices

Part # ADV7630
Description  2.25 GHz XpressView HDMI 1:2 Splitter with 4:1 Input Mux
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7630 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADV7630 Datasheet HTML 7Page - Analog Devices ADV7630 Datasheet HTML 8Page - Analog Devices ADV7630 Datasheet HTML 9Page - Analog Devices ADV7630 Datasheet HTML 10Page - Analog Devices ADV7630 Datasheet HTML 11Page - Analog Devices ADV7630 Datasheet HTML 12Page - Analog Devices ADV7630 Datasheet HTML 13Page - Analog Devices ADV7630 Datasheet HTML 14Page - Analog Devices ADV7630 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Data Sheet
ADV7630
Rev. 0 | Page 11 of 16
Pin No.
Mnemonic
Type
Description
35
TXA_DDC_SDA
Digital
input/output
HDCP Master Serial Data of HDMI Output Port A. TXA_DDC_SDA is a 3.3 V open-drain
input/output that is 5 V tolerant.
36
TXA_DDC_SCL
Digital output
HDCP Master Serial Clock of HDMI Output Port A. TXA_DDC_SCL is a 3.3 V open-drain
output that is 5 V tolerant.
37
DVDD
Power
Digital Core Supply Voltage (1.8 V).
38
TXA_PVDD
Power
1.8 V Power Supply for PLL. This supply should be filtered and as quiet as possible. It
should be kept separately from TXB_PVDD to avoid possible crosstalk. This power
supply must be filtered with a ferrite bead and decoupled with 100 nF in parallel with
10 nF capacitors. The 100 nF and 10 nF capacitors must be placed close to the
package.
39
TXA_PVDD
Power
1.8 V Power Supply for PLL. This supply should be filtered and as quiet as possible. It
should be kept separately from TXB_PVDD to avoid possible crosstalk. This power
supply must be filtered with a ferrite bead and decoupled with 100 nF in parallel with
10 nF capacitors. The 100 nF and 10 nF capacitors must be placed close to the
package.
41
TXA_PVDD
Power
1.8 V Power Supply for PLL. This supply should be filtered and as quiet as possible. It
should be kept separately from TXB_PVDD to avoid possible crosstalk. This power
supply must be filtered with a ferrite bead and decoupled with 100 nF in parallel with
10 nF capacitors. The 100 nF and 10 nF capacitors must be placed close to the
package.
42
R_EXT
Input
Sets internal reference currents. Place a 470 Ω resistor (1% tolerance) between this pin
and ground.
43
TX_AVDD
Power
1.8 V Power Supply for TMDS Outputs.
44
TXA_C−
HDMI output
TMDS Clock Output Complement of HDMI Output Port A.
45
TXA_C+
HDMI output
TMDS Clock Output True of HDMI Output Port A.
46
TX_AVDD
Power
1.8 V Power Supply for TMDS Outputs.
47
TXA_0−
HDMI output
TMDS Output Channel 0 Complement of HDMI Output Port A.
48
TXA_0+
HDMI output
TMDS Output Channel 0 True of HDMI Output Port A.
49
TX_AVDD
Power
1.8 V Power Supply for TMDS Outputs.
50
TXA_1−
HDMI output
TMDS Output Channel 1 Complement of HDMI Output Port A.
51
TXA_1+
HDMI output
TMDS Output Channel 1 True of HDMI Output Port A.
52
TXA_2−
HDMI output
TMDS Output Channel 2 Complement of HDMI Output Port A.
53
TXA_2+
HDMI output
TMDS Output Channel 2 True of HDMI Output Port A.
54
TX_AVDD
Power
1.8 V Power Supply for TMDS Outputs.
56
TXA_HPD
Digital input
Hot Plug Detect Signal of HDMI Output Port A. This pin indicates to the interface
whether the receiver is connected. It supports 1.8 V to 5 V CMOS logic levels.
57
DDCD_SCL
Digital input
HDCP Slave Serial Clock Port D. DDCD_SCL is a 3.3 V input that is 5 V tolerant.
58
DDCD_SDA
Digital
input/output
HDCP Slave Serial Data Port D. DDCD_SDA is a 5 V tolerant 3.3 V input and open-drain
output.
59
DDCC_SCL
Digital input
HDCP Slave Serial Clock Port C. DDCC_SCL is a 3.3 V input that is 5 V tolerant.
60
DDCC_SDA
Digital
input/output
HDCP Slave Serial Data Port C. DDCC_SDA is a 5 V tolerant 3.3 V input and open-drain
output.
61
DDCB_SCL
Digital input
HDCP Slave Serial Clock Port B. DDCB_SCL is a 3.3 V input that is 5 V tolerant.
62
DDCB_SDA
Digital
input/output
HDCP Slave Serial Data Port B. DDCB_SDA is a 5 V tolerant 3.3 V input and open-drain
output.
63
DDCA_SCL
Digital input
HDCP Slave Serial Clock Port A. DDCA_SCL is a 3.3 V input that is 5 V tolerant.
64
DDCA_SDA
Digital
input/output
HDCP Slave Serial Data Port A. DDCA_SDA is a 5 V tolerant 3.3 V input and open-drain
output.
65
REG_3P3V
Power output
Output of Internal 3.3 V LDO. Must be connected to ground via decoupling capacitors
(10 nF in parallel with 100 nF capacitor). This pin can be used to power up external
EDID SPI EEPROM when part is in power-down mode and 5 V is connected to the part
from an HDMI cable.
66
EP_MOSI
Digital output
SPI Master Output/Slave Input for External EDID Interface.
67
EP_MISO
Digital input
SPI Master Input/Slave Output for External EDID Interface.
68
EP_SCK
Digital output
SPI Clock for External EDID Interface.
69
EP_CS
Digital output
SPI Chip Select for External EDID Interface.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com