Electronic Components Datasheet Search
  English  ▼

X  

ADV7630 Datasheet(PDF) 13 Page - Analog Devices

Part # ADV7630
Description  2.25 GHz XpressView HDMI 1:2 Splitter with 4:1 Input Mux
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7630 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADV7630 Datasheet HTML 8Page - Analog Devices ADV7630 Datasheet HTML 9Page - Analog Devices ADV7630 Datasheet HTML 10Page - Analog Devices ADV7630 Datasheet HTML 11Page - Analog Devices ADV7630 Datasheet HTML 12Page - Analog Devices ADV7630 Datasheet HTML 13Page - Analog Devices ADV7630 Datasheet HTML 14Page - Analog Devices ADV7630 Datasheet HTML 15Page - Analog Devices ADV7630 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Data Sheet
ADV7630
Rev. 0 | Page 13 of 16
Pin No.
Mnemonic
Type
Description
121
RXA_0−
HDMI input
Digital Input Channel 0 Complement of Port A in the HDMI Interface.
122
RXA_0+
HDMI input
Digital Input Channel 0 True of Port A in the HDMI Interface.
123
TVDD
Power
Terminator Supply Voltage (3.3 V).
124
RXA_1−
HDMI input
Digital Input Channel 1 Complement of Port A in the HDMI Interface.
125
RXA_1+
HDMI input
Digital Input Channel 1 True of Port A in the HDMI Interface.
126
RXA_2−
HDMI input
Digital Input Channel 2 Complement of Port A in the HDMI Interface.
127
RXA_2+
HDMI input
Digital Input Channel 2 True of Port A in the HDMI Interface.
128
CVDD
Power
HDMI Analog Block Supply Voltage (1.8 V).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com