Electronic Components Datasheet Search
  English  ▼

X  

LPC804 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # LPC804
Description  32-bit Arm짰 Cortex짰-M0 microcontroller
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC804 Datasheet(HTML) 5 Page - NXP Semiconductors

  LPC804 Datasheet HTML 1Page - NXP Semiconductors LPC804 Datasheet HTML 2Page - NXP Semiconductors LPC804 Datasheet HTML 3Page - NXP Semiconductors LPC804 Datasheet HTML 4Page - NXP Semiconductors LPC804 Datasheet HTML 5Page - NXP Semiconductors LPC804 Datasheet HTML 6Page - NXP Semiconductors LPC804 Datasheet HTML 7Page - NXP Semiconductors LPC804 Datasheet HTML 8Page - NXP Semiconductors LPC804 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 81 page
background image
LPC804
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2018. All rights reserved.
Product data sheet
Rev. 1.3 — 23 March 2018
5 of 81
NXP Semiconductors
LPC804
32-bit Arm Cortex-M0+ microcontroller
5. Marking
The LPC804 HVQFN33 packages have the following top-side marking::
• First line: LPC804M101
• Second line: xxxxxx
• Third line: xxxyywwx[R]x
– yyww: Date code with yy = year and ww = week.
– xR = Boot code version and device revision.
The LPC804 TSSOP20 packages typically have the following top-side marking:
• First line: LPC804M101
• Second line: xxxxxx
• Third line: xxxyywwx[R]x
– yyww: Date code with yy = year and ww = week.
– xR = Boot code version and device revision.
The LPC804 TSSOP24 packages have the following top-side marking::
• First line: LPC804M1y1
– y: 0 or 1
• Second line: xxxxxx
• Third line: xxxyywwx[R]x
– yyww: Date code with yy = year and ww = week.
– xR = Boot code version and device revision.
Fig 1.
TSSOP20 and TSSOP24 package markings
Fig 2.
HVQFN33 package marking
aaa-014766
Terminal 1 index area
1
20
aaa-014382
Terminal 1 index area
Table 3.
Device revision table
Revision identifier (R)
Revision description
1A
Initial device revision with Boot ROM version 13.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com