Electronic Components Datasheet Search
  English  ▼

X  

AM5749 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # AM5749
Description  Sitara Processors Silicon Revision 1.0
PDF  448 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM5749 Datasheet(HTML) 3 Page - Texas Instruments

  AM5749 Datasheet HTML 1Page - Texas Instruments AM5749 Datasheet HTML 2Page - Texas Instruments AM5749 Datasheet HTML 3Page - Texas Instruments AM5749 Datasheet HTML 4Page - Texas Instruments AM5749 Datasheet HTML 5Page - Texas Instruments AM5749 Datasheet HTML 6Page - Texas Instruments AM5749 Datasheet HTML 7Page - Texas Instruments AM5749 Datasheet HTML 8Page - Texas Instruments AM5749 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 448 page
background image
2× C66x
Co-Processor
Mailbox ×13
High-Speed Interconnect
Program/Data Storage
Connectivity
Display Subsystem
System
IVA HD
1080p Video
Co-Processor
DSP
PCIe SS ×2
NAND/NOR/
Async
Dual Core
SGX544 3D
(Dual Cortex–M4)
intro-001
GPMC / ELM
AM574x
GPU
MPU
IPU1
Serial Interfaces
MCAN-FD ×1
UART ×10
McSPI ×4
DCAN ×2
Spinlock
GPIO ×8
Timers ×16
WDT
QSPI
LCD1
EMIF ×2
2× 32-bit
DDR3(L) w/ ECC
McASP ×8
2× Arm
Cortex–A15
BB2D
(GC320 2D)
(Dual Cortex–M4)
IPU2
LCD2
LCD3
HDMI 1.4a
1× GFX Pipeline
3× Video Pipeline
Blend / Scale
PWM SS ×3
RTC SS
HDQ
KBD
GMAC_SW
USB 3.0
Dual Role FS/HS/SS
w/ PHYs
USB 2.0
Dual Role FS/HS
w/ PHY
Up to 2.5 MB
OCMC_RAM
w/ ECC
SATA
DMM
MMC / SD ×4
PRU-ICSS ×2
Copyright © 2016, Texas Instruments Incorporated
(1)
I2C ×5
EDMA
SDMA
MMU ×2
VIP ×2
Crypto
VPE
Secure Boot
(HS devices)
Debug
TEE
Security
2× EVE Analytic Processors
Vision AccelerationPac
(
)
(
)
(
)
(
)
3
AM5749, AM5748, AM5746
www.ti.com
SPRS982F – DECEMBER 2016 – REVISED JULY 2018
Submit Documentation Feedback
Product Folder Links: AM5749 AM5748 AM5746
Device Overview
Copyright © 2016–2018, Texas Instruments Incorporated
1.4
Functional Block Diagram
Figure 1-1 is functional block diagram for the device.
Figure 1-1. AM574x Block Diagram
(1) ECC is only available on EMIF1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com