Electronic Components Datasheet Search
  English  ▼

X  

AM5749 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # AM5749
Description  Sitara Processors Silicon Revision 1.0
PDF  448 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM5749 Datasheet(HTML) 6 Page - Texas Instruments

Back Button AM5749 Datasheet HTML 2Page - Texas Instruments AM5749 Datasheet HTML 3Page - Texas Instruments AM5749 Datasheet HTML 4Page - Texas Instruments AM5749 Datasheet HTML 5Page - Texas Instruments AM5749 Datasheet HTML 6Page - Texas Instruments AM5749 Datasheet HTML 7Page - Texas Instruments AM5749 Datasheet HTML 8Page - Texas Instruments AM5749 Datasheet HTML 9Page - Texas Instruments AM5749 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 448 page
background image
6
AM5749, AM5748, AM5746
SPRS982F – DECEMBER 2016 – REVISED JULY 2018
www.ti.com
Submit Documentation Feedback
Product Folder Links: AM5749 AM5748 AM5746
Device Comparison
Copyright © 2016–2018, Texas Instruments Incorporated
3
Device Comparison
3.1
Device Comparison Table
Table 3-1 shows a comparison between AM574x devices, highlighting the differences.
Table 3-1. Device Comparison
Features
Device
AM5749
AM5748
AM5746
Features
CTRL_WKUP_STD_FUSE_DIE_ID_2[31:24] Base PN register bitfield
value(6)
AM5749: 166
(0xA6)
AM5748: 92 (0x5C)
AM5746: 90 (0x5A)
AM5749-E: 95
(0x5F)
AM5748-E: 93
(0x5D)
AM5746-E: 91
(0x5B)
Processors/ Accelerators
Speed Grades
See Table 5-2
Dual Arm Cortex-A15 Microprocessor Subsystem
(MPU)
MPU core 0
Yes
Yes
Yes
MPU core 1
Yes
Yes
Yes
C66x VLIW DSP
DSP1
(with L1D ECC)
Yes
Yes
Yes
DSP2
(with L1D ECC)
Yes
Yes
Yes
BitBLT 2D Hardware Acceleration Engine (BB2D)
BB2D
Yes
Yes
Not Supported(1)
Display Subsystem
VOUT1
Yes
Yes
Not Supported(1)
VOUT2
Yes
Yes
Not Supported(1)
VOUT3
Yes
Yes
Not Supported(1)
HDMI
Yes
Yes
Not Supported(1)
Embedded Vision Engine (EVE)
EVE1
Yes
Not Supported(1)
EVE2
Yes
Not Supported(1)
Dual Arm Cortex-M4 Image Processing Unit (IPU)
IPU1
Yes
Yes
Yes
IPU2
Yes
Yes
Yes
Image Video Accelarator (IVA)
IVA
Yes
Yes
Not Supported(1)
SGX544 Dual-Core 3D Graphics Processing Unit
(GPU)
GPU
Yes
Yes
Not Supported(1)
Imaging Subsystem (ISS)
ISP
Not Supported(1)
WDR & Mesh
LDC(7)
Not Supported(1)
CAL_B
Not Supported(1)
Video Input Port
(VIP)
VIP1
vin1a
Yes
Yes
Yes
vin1b
Yes
Yes
Yes
vin2a
Yes
Yes
Yes
vin2b
Yes
Yes
Yes
VIP2
vin3a
Yes
Yes
Yes
vin3b
Yes
Yes
Yes
vin4a
Yes
Yes
Yes
vin4b
Yes
Yes
Yes
VIP3
vin5a
Not Supported(1)
vin6a
Not Supported(1)
Video Processing Engine (VPE)
VPE
Yes
Yes
Yes
Program/Data Storage
On-Chip Shared Memory (RAM)
OCMC_RAM
2.5MB
2.5MB
2.5MB
General-Purpose Memory Controller (GPMC)
GPMC
Yes
Yes
Yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com