Electronic Components Datasheet Search
  English  ▼

X  

AM5749 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # AM5749
Description  Sitara Processors Silicon Revision 1.0
PDF  448 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM5749 Datasheet(HTML) 8 Page - Texas Instruments

Back Button AM5749 Datasheet HTML 4Page - Texas Instruments AM5749 Datasheet HTML 5Page - Texas Instruments AM5749 Datasheet HTML 6Page - Texas Instruments AM5749 Datasheet HTML 7Page - Texas Instruments AM5749 Datasheet HTML 8Page - Texas Instruments AM5749 Datasheet HTML 9Page - Texas Instruments AM5749 Datasheet HTML 10Page - Texas Instruments AM5749 Datasheet HTML 11Page - Texas Instruments AM5749 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 448 page
background image
8
AM5749, AM5748, AM5746
SPRS982F – DECEMBER 2016 – REVISED JULY 2018
www.ti.com
Submit Documentation Feedback
Product Folder Links: AM5749 AM5748 AM5746
Device Comparison
Copyright © 2016–2018, Texas Instruments Incorporated
Table 3-1. Device Comparison (continued)
Features
Device
AM5749
AM5748
AM5746
Pulse-Width Modulation Subsystem (PWMSS)
PWMSS1
Yes
Yes
Yes
PWMSS2
Yes
Yes
Yes
PWMSS3
Yes
Yes
Yes
Universal Asynchronous Receiver/Transmitter
(UART)
UART
10
10
10
Universal Serial Bus (USB3.0)
USB1
(SuperSpeed, Dual-
Role-Device [DRD])
Yes
Yes
Yes
Universal Serial Bus (USB2.0)
USB2 (High-Speed,
Dual-Role-Device
[DRD], with
embedded HS
PHY)
Yes
Yes
Yes
USB3 (High-Speed,
OTG2.0, with ULPI)
Not Supported(1)
USB4 (High-Speed,
OTG2.0, with ULPI)
Not Supported(1)
(1) Features noted as “not supported”, must not be used. Their functionality is not supported by TI for this family of devices. These features
are subject to removal without notice on future device revisions. Any information regarding the unsupported features has been retained
in the documentation solely for the purpose of clarifying signal names or for consistency with previous feature descriptions.
(2) In the Unified L3 memory map, there is maximum of 2GB of SDRAM space which is available to all L3 initiators including MPU (MPU,
GPU, DSP, IVA, DMA, etc). Typically this space is interleaved across both EMIFs to optimize memory performance. If a system
populates > 2GB of physical memory, that additional addressable space can be accessed only by the MPU via the Arm V7 Large
Physical Address Extensions (LPAE).
(3) MLB power rails (vdds_mlbp) must be connected to a 1.8 V power supply even this feature is not supported.
(4) RTC only mode is not supported feature.
(5) DCAN1 has one pin mux option that can optionally be used for MCAN functionality. DCAN2 has two pin mux options, one of which can
be optionally used for MCAN functionality.
(6) For more details about the CTRL_WKUP_STD_FUSE_DIE_ID_2 register and Base PN bitfield, see the AM574x Technical Reference
Manual.
(7) Wide Dynamic Range and Lens Distortion Correction.
3.2
Related Products
Sitara Processors Scalable processors based on Arm® Cortex®-A cores with flexible peripherals,
connectivity & unified software support – perfect for sensors to servers.
TI's Arm Cortex-A15 Advantage
The Arm Cortex-A15 processor is proven in a range of different
markets and is an increasingly popular choice in networking infrastructure, delivering high-
performance processing capability combined with low power consumption. The Cortex-A15
processor delivers roughly twice the performance of the Cortex-A9 processor and can
achieve 3.5 DMIPS/MHz.
Sitara AM57x Processors
Companion Products for AM574x Review products that are frequently purchased or used in conjunction
with this product.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com