Electronic Components Datasheet Search
  English  ▼

X  

AM5749 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # AM5749
Description  Sitara Processors Silicon Revision 1.0
PDF  448 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM5749 Datasheet(HTML) 7 Page - Texas Instruments

Back Button AM5749 Datasheet HTML 3Page - Texas Instruments AM5749 Datasheet HTML 4Page - Texas Instruments AM5749 Datasheet HTML 5Page - Texas Instruments AM5749 Datasheet HTML 6Page - Texas Instruments AM5749 Datasheet HTML 7Page - Texas Instruments AM5749 Datasheet HTML 8Page - Texas Instruments AM5749 Datasheet HTML 9Page - Texas Instruments AM5749 Datasheet HTML 10Page - Texas Instruments AM5749 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 448 page
background image
7
AM5749, AM5748, AM5746
www.ti.com
SPRS982F – DECEMBER 2016 – REVISED JULY 2018
Submit Documentation Feedback
Product Folder Links: AM5749 AM5748 AM5746
Device Comparison
Copyright © 2016–2018, Texas Instruments Incorporated
Table 3-1. Device Comparison (continued)
Features
Device
AM5749
AM5748
AM5746
DDR3 Memory Controller(2)
EMIF1
up to 2GB
up to 2GB
up to 2GB
EMIF2
up to 2GB
up to 2GB
up to 2GB
Dynamic Memory Manager (DMM)
DMM
Yes
Yes
Yes
Radio Support
Audio Tracking Logic (ATL)
ATL
Not Supported(1)
Viterbi Coprocessor (VCP)
VCP1
Not Supported(1)
VCP2
Not Supported(1)
Peripherals
Controller Area Network Interface (CAN)
DCAN1(5)
Yes
Yes
Yes
DCAN2(5)
Yes
Yes
Yes
MCAN with FD(5)
Yes
Yes
Yes
Enhanced DMA (EDMA)
EDMA
Yes
Yes
Yes
System DMA (DMA_SYSTEM)
DMA_SYSTEM
Yes
Yes
Yes
Ethernet Subsystem (Ethernet SS)
GMAC_SW[0]
MII, RMII, or RGMII
MII, RMII, or RGMII MII, RMII, or RGMII
GMAC_SW[1]
MII, RMII, or RGMII
MII, RMII, or RGMII MII, RMII, or RGMII
General-Purpose I/O (GPIO)
GPIO
up to 247
up to 247
up to 247
Inter-Integrated Circuit Interface (I2C)
I2C
5
5
5
System Mailbox Module
MAILBOX
13
13
13
Media Local Bus Subsystem (MLB)(3)
MLB
Not Supported(1)
Multichannel Audio Serial Port (McASP)
McASP1
16 serializers
16 serializers
16 serializers
McASP2
16 serializers
16 serializers
16 serializers
McASP3
4 serializers
4 serializers
4 serializers
McASP4
4 serializers
4 serializers
4 serializers
McASP5
4 serializers
4 serializers
4 serializers
McASP6
4 serializers
4 serializers
4 serializers
McASP7
4 serializers
4 serializers
4 serializers
McASP8
4 serializers
4 serializers
4 serializers
MultiMedia Card/Secure Digital/Secure Digital Input
Output Interface (MMC/SD/SDIO)
MMC1
1x UHSI 4b
1x UHSI 4b
1x UHSI 4b
MMC2
1x eMMC 8b
1x eMMC 8b
1x eMMC 8b
MMC3
1x SDIO 8b
1x SDIO 8b
1x SDIO 8b
MMC4
1x SDIO 4b
1x SDIO 4b
1x SDIO 4b
PCI Express 3.0 Port with Integrated PHY
PCIe_SS1
Yes
Yes
Yes
PCIe_SS2
Yes
Yes
Yes
2x Programmable Real-Time Unit Subsystem and
Industrial Communication Subsystem (PRU-ICSS)
PRU-ICSS1
Yes
Yes
Yes
PRU-ICSS2
Yes
Yes
Yes
Serial Advanced Technology Attachment (SATA)
SATA
Yes
Yes
Yes
Real-Time Clock Subsystem (RTCSS)
RTCSS(4)
Yes
Yes
Yes
Multichannel Serial Peripheral Interface (McSPI)
McSPI
4
4
4
HDQ / 1-Wire (HDQ1W)
HDQ1W
Yes
Yes
Yes
Quad SPI (QSPI)
QSPI
Yes
Yes
Yes
Spinlock Module
SPINLOCK
Yes
Yes
Yes
Keyboard Controller (KBD)
KBD
Yes
Yes
Yes
Timers, General-Purpose
TIMER
16
16
16
Timer, Watchdog
WATCHDOG
TIMER
Yes
Yes
Yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com