Electronic Components Datasheet Search
  English  ▼

X  

AM5749 Datasheet(PDF) 90 Page - Texas Instruments

Click here to check the latest version.
Part # AM5749
Description  Sitara Processors Silicon Revision 1.0
PDF  448 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM5749 Datasheet(HTML) 90 Page - Texas Instruments

Back Button AM5749 Datasheet HTML 86Page - Texas Instruments AM5749 Datasheet HTML 87Page - Texas Instruments AM5749 Datasheet HTML 88Page - Texas Instruments AM5749 Datasheet HTML 89Page - Texas Instruments AM5749 Datasheet HTML 90Page - Texas Instruments AM5749 Datasheet HTML 91Page - Texas Instruments AM5749 Datasheet HTML 92Page - Texas Instruments AM5749 Datasheet HTML 93Page - Texas Instruments AM5749 Datasheet HTML 94Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 448 page
background image
90
AM5749, AM5748, AM5746
SPRS982F – DECEMBER 2016 – REVISED JULY 2018
www.ti.com
Submit Documentation Feedback
Product Folder Links: AM5749 AM5748 AM5746
Terminal Configuration and Functions
Copyright © 2016–2018, Texas Instruments Incorporated
4.3
Signal Descriptions
Many signals are available on multiple pins, according to the software configuration of the pin multiplexing
options.
Texas Instruments has developed an application called Pin Mux Utility that helps a system designer select
the appropriate pin-multiplexing configuration for their device-based product design. The Pin Mux Utility
provides a way to select valid IO Sets of specific peripheral interfaces to ensure the pin multiplexing
configuration selected for a design only uses valid IO Sets supported by the device.
1. SIGNAL NAME: The name of the signal passing through the pin.
NOTE
The subsystem multiplexing signals are not described in Table 4-1 and Table 4-33.
2. DESCRIPTION: Description of the signal
3. TYPE: Signal direction and type:
–
I = Input
–
O = Output
–
IO = Input or output
–
D = Open Drain
–
DS = Differential
–
A = Analog
–
PWR = Power
–
GND = Ground
4. BALL: Associated ball(s) bottom
NOTE
For more information, see the Control Module / Control Module Register Manual section of
the Device TRM.
4.3.1
VIP
CAUTION
The I/O timings provided in Section 5.10, Timing Requirements and Switching
Characteristics are applicable for all combinations of signals for vin1. However,
the timings are valid only for vin2, vin3, and vin4 if signals within a single
IOSET are used. The IOSETs are defined in the Table 5-35, Table 5-36 and
Table 5-37.
NOTE
For more information, see the Video Input Port section of the Device TRM.
Table 4-2. VIP Signal Descriptions
SIGNAL NAME
DESCRIPTION
TYPE
BALL
Video Input 1
vin1a_clk0
Video Input 1 Port A Clock input. Input clock for 8-bit 16-bit or 24-bit Port A video
capture. Input data is sampled on the CLK0 edge.
I
AG8
vin1a_de0
Video Input 1 Data Enable input
I
AD9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com