Electronic Components Datasheet Search
  English  ▼

X  

CRA3A Datasheet(PDF) 2 Page - Kyocera Kinseki Corpotation

Part # CRA3A
Description  Reduction in mounting process & costs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KSS [Kyocera Kinseki Corpotation]
Direct Link  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation

CRA3A Datasheet(HTML) 2 Page - Kyocera Kinseki Corpotation

  CRA3A Datasheet HTML 1Page - Kyocera Kinseki Corpotation CRA3A Datasheet HTML 2Page - Kyocera Kinseki Corpotation CRA3A Datasheet HTML 3Page - Kyocera Kinseki Corpotation CRA3A Datasheet HTML 4Page - Kyocera Kinseki Corpotation CRA3A Datasheet HTML 5Page - Kyocera Kinseki Corpotation CRA3A Datasheet HTML 6Page - Kyocera Kinseki Corpotation CRA3A Datasheet HTML 7Page - Kyocera Kinseki Corpotation CRA3A Datasheet HTML 8Page - Kyocera Kinseki Corpotation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Chip Resistor Arrays
(CRB 2A4E, CRC 2A4E, CRB11A2E, CRC11A2E Series)
qw
e r t
Rating
Chip resistor arrays
Chip jumper array
Item
Rating
Item
Rating
Rated power(70
°C) 1/32W/element
25V
Rated current
1A
50V
Resistance value
10
Ω to 1MΩ
50m
Ωmax
Tolerance
J :
±5%
−55 to +125°C
4E : 4Elements, 2E : 2Elements
∗ Rated Voltage : Rated power × Resistance value, whichever is less.
∗ Standard Resistance Value: E-6 Series
∗ Please contact sales engineer for any other requirements of the nominal resistance
value and the tolerance.
Max Over-load
voltage
Working
Temperature
Number of
elements
Max working
voltage
∗
Conductive
resistance value
• 4 element chip Resistors Array
CRB2A4E series (
Termination)
CRC2A4E series (
Termination)
• 2 element chip Resistors Array
CRB11A2E series (
Termination)
CRC11A2E series (
Termination)
Features
• Miniture (2.0
×1.0mm) Resistor Arrays
Max 60% space saving compared with the
use of standard chip array (3.2
×1.6mm)
• 0.5mm Termination pitch (Same as IC lead-
pin pitch)
Easy designing of pattern layout and
improve electrical characteristics for curcuit
Miniature chip resistor arrays have 4 and 2
resistor elements integrated as a single
component.
Dimensions
How to Order
CRB2A 4E 103 J H
qSeries(CRB2A: 2.0
×1.0mm,
termination)
(CRC2A: 2.0
×1.0mm,
termination)
(CRB11A: 1.0
×1.0mm,
termination)
(CRC11A: 1.0
×1.0mm,
termination)
wNumber of elements(4E: 4 elements)
(2E: 2 elements)
eResistance Value(3 digits numbering)
472 = 4.7k
Ω, 103 = 10kΩ
000 = 0
Ω(Chip Jumper Array)
rTolerance
tPackaging
(Unit : mm)
L
C
W
T
d
P
e
b
R1
R2
R3
R4
R1 = R2 = R3 = R4
Code
L
W
T
P
b
Dimensions
1.00
1.00
0.40
0.50typ
φ0.15typ
Code
c
d
e
Dimensions
0.20
0.25
0.25typ
+0.10
−0.10
+0.15
−0.15
+0.10
−0.10
+0.15
−0.15
+0.10
−0.10
• Non-marking on chips
(Unit : mm)
(Unit : mm)
(Unit : mm)
Code
L
W
T
P
Dimensions
1.00
1.00
0.35
0.65typ
Code
c
d
e1
Dimensions
0.20
0.20
0.33
+0.10
−0.10
+0.15
−0.15
+0.10
−0.10
+0.15
−0.15
+0.05
−0.05
• Non-marking on chips
• 2mm pitch taping
J
±5%
Blank Chip Jumper Array
Code
Form
Material
Packing unit
H
Taping
Paper
10000pcs/reel
+0.10
−0.10
CRC2A4E series
CRB2A4E series
L
W
d
P
T
e2
e1
R1
R2
R3
R4
R1 = R2 = R3 = R4
c
CRC11A2E series
CRB11A2E series
Code
L
W
T
P
b
Dimensions
2.0
1.0
0.4
0.5typ
φ0.15typ
Code
c
d
e
Dimensions
0.2
0.25
0.25typ
+0.10
−0.10
+0.15
−0.15
+0.10
−0.10
+0.15
−0.15
+0.10
−0.10
• Non-marking on chips
Code
L
W
T
P
Dimensions
2.0
1.0
0.4
0.5typ
Code
c
d
e1
e2
Dimensions
0.15
0.25
0.3
0.4
+0.10
−0.10
+0.15
−0.15
+0.10
−0.10
+0.15
−0.15
+0.10
−0.10
• Non-marking on chips
+0.10
−0.10
+0.10
−0.10
L
c
P
T
e
b
R1
R2
R1 = R2
W
d
L
c
P
T
e1
R1
R2
R1 = R2
W
d



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com