Electronic Components Datasheet Search
  English  ▼

X  

CRA3A Datasheet(PDF) 1 Page - Kyocera Kinseki Corpotation

Part # CRA3A
Description  Reduction in mounting process & costs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KSS [Kyocera Kinseki Corpotation]
Direct Link  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation

CRA3A Datasheet(HTML) 1 Page - Kyocera Kinseki Corpotation

  CRA3A Datasheet HTML 1Page - Kyocera Kinseki Corpotation CRA3A Datasheet HTML 2Page - Kyocera Kinseki Corpotation CRA3A Datasheet HTML 3Page - Kyocera Kinseki Corpotation CRA3A Datasheet HTML 4Page - Kyocera Kinseki Corpotation CRA3A Datasheet HTML 5Page - Kyocera Kinseki Corpotation CRA3A Datasheet HTML 6Page - Kyocera Kinseki Corpotation CRA3A Datasheet HTML 7Page - Kyocera Kinseki Corpotation CRA3A Datasheet HTML 8Page - Kyocera Kinseki Corpotation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Chip Resistor Arrays
(CRA3A, CRB3A, CRC3A Series)
Rating
Dimensions
Features
• Reduction in mounting process & costs
• Save PCB space.
• Reduction of inventory control costs.
Applications
• Computer
• Printer
• Hard Disk Drive
• CD-ROM
How to Order
CRA3A 4E 103 J T
qSeries
wNumber of elements(4E : 4 elements)
eResistance value (3 digits),
Chip Jumper Arrays : 000
rTolerance
tPackaging
qw
e r t
J
±5%
Blank
Chip Jumper Arrays
T
Paper Taping, 5,000pcs/reel
Chip Resisitor Arrays have several resistor elements integrated as a single component.
• 4 Elements Array
CRA3A4E series
Convex Scallop type
CRB3A4E series
Concave type
CRC3A4E series
Convex Corner type
Chip resistor arrays
Chip jumper arrays
Item
Rating
Item
Rating
Rated power(70
°C)∗
1/16W element
Max working voltage
50V
Rated current
1A
Max Over-load voltage
100V
Resistance value
J : 10
Ω to 2.2MΩ
Conductive
Tolerance
J
±5%
resistance value
50m
Ωmax
Working Temperature
−55 to +125°C
Number of elements
4E: 4 Elements
4 elements
4 elements
4 elements
CRA3A4E series
CRB3A4E series
CRC3A4E series
W
L
c
d
T
p
1.60
±0.15
1.60
±0.15
1.60
±0.15
3.20
±0.15
3.20
±0.15
3.20
±0.15
0.30
±0.20
0.30
±0.20
0.30
±0.20
0.20
±0.15
0.40
±0.15
0.20
±0.15
0.50
±0.10
0.60
±0.10
0.50
±0.10
0.8typ
0.8typ
0.8typ
L
P
T
d
W
C
L
W
T
d
P
C
P
L
T
W
C
d
(Unit : mm)
Shape
∗Rated Voltage : 50V or Rated power ×Resistance value, whichever is less.
∗Standard Resistance Value: E-12 Series
∗For non standard value, optional please contact us.
• Detailed specifications are available on request.


Similar Part No. - CRA3A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CRA32C1 ETC2-CRA32C1 Datasheet
36Kb / 1P
HC-49/US SMD Microprocessor Crystals
logo
Caliber Electronics Inc...
CRA32C1 CALIBER-CRA32C1 Datasheet
41Kb / 1P
HC-49/US SMD Microprocessor Crystals
logo
List of Unclassifed Man...
CRA32C3 ETC2-CRA32C3 Datasheet
36Kb / 1P
HC-49/US SMD Microprocessor Crystals
logo
Caliber Electronics Inc...
CRA32C3 CALIBER-CRA32C3 Datasheet
41Kb / 1P
HC-49/US SMD Microprocessor Crystals
logo
List of Unclassifed Man...
CRA32C5 ETC2-CRA32C5 Datasheet
36Kb / 1P
HC-49/US SMD Microprocessor Crystals
More results

Similar Description - CRA3A

ManufacturerPart #DatasheetDescription
logo
Weidmuller
SL-SMT3.5-90 WEIDMULLER-SL-SMT3.5-90 Datasheet
194Kb / 8P
Connectors - reduces costs in the production process
logo
Panasonic Semiconductor
AQY221N3TW PANASONIC-AQY221N3TW Datasheet
90Kb / 6P
VSSOP type with further reduction in mounting area
logo
Marl International Limi...
255-501-64-3812 MARL-255-501-64-3812_15 Datasheet
285Kb / 5P
Reduces stock and maintenance costs
logo
Ohmite Mfg. Co.
RES-AS-SMD OHMITE-RES-AS-SMD Datasheet
646Kb / 2P
Reduction of assembly costs
logo
Infineon Technologies A...
IM513-L6A INFINEON-IM513-L6A Datasheet
949Kb / 20P
optimize PCB size and system costs
Verison 2.0 2017-12-07
logo
PHOENIX CONTACT
1424200 PHOENIX-1424200 Datasheet
78Kb / 4P
Reduced mounting costs thanks to two-piece device connector
2200162 PHOENIX-2200162 Datasheet
43Kb / 2P
Plug-in assembly reduces assembly time and therefore saves costs
2200166 PHOENIX-2200166 Datasheet
47Kb / 3P
Plug-in assembly reduces assembly time and therefore saves costs
2200172 PHOENIX-2200172 Datasheet
57Kb / 2P
Plug-in assembly reduces assembly time and therefore saves costs
logo
WALSIN TECHNOLOGY CORPO...
WA04P WALSIN-WA04P Datasheet
170Kb / 6P
Mounting occupation area reduction
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com