Electronic Components Datasheet Search
  English  ▼

X  

CRA3A Datasheet(PDF) 8 Page - Kyocera Kinseki Corpotation

Part # CRA3A
Description  Reduction in mounting process & costs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KSS [Kyocera Kinseki Corpotation]
Direct Link  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation

CRA3A Datasheet(HTML) 8 Page - Kyocera Kinseki Corpotation

  CRA3A Datasheet HTML 1Page - Kyocera Kinseki Corpotation CRA3A Datasheet HTML 2Page - Kyocera Kinseki Corpotation CRA3A Datasheet HTML 3Page - Kyocera Kinseki Corpotation CRA3A Datasheet HTML 4Page - Kyocera Kinseki Corpotation CRA3A Datasheet HTML 5Page - Kyocera Kinseki Corpotation CRA3A Datasheet HTML 6Page - Kyocera Kinseki Corpotation CRA3A Datasheet HTML 7Page - Kyocera Kinseki Corpotation CRA3A Datasheet HTML 8Page - Kyocera Kinseki Corpotation  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Precautions
Soldering method
1) Recommendable temperature profile
Circuit design
1) Once application and assembly environments have been checked,
the resistors may be used in conformance with the catalog and the
specifications.
2) Please consult the manufacturer in advance when the resistors is
used in devices such as: devices which deal with human life, I.e.
medical devices; devices which are highy public orientated; and
devices which demand a high standerd of liability.
3) Please use the resistors in conformance with the operating
temperature provided in both the catalog and the specifications.
4) Please keep voltage under the rated voltage which is applied to the
resistor.
5) Do not use the resistor in an environment where it might easily
exceed the respective provisions concerning shock and vibration
specified in the catalog and specifications.
6) Please do not use the resistor in the following environments.
qState that water, oil, and solvent hang in resistor
wState where poisonous gas (sulfur and chlorine, etc.) exists
eState that direct sunshine, radiation, and ultraviolet, etc. are irradiated
7) There is a thing that resistance changes according to the stuff of the
resin when the coating with the resin is given.
Please use resin coating after confirming the characteristic.
8) There is a thing that resistance changes according to flux and
cleaner.
Please use flux and cleaner after confirming the characteristic.
9) Please consult about a lead free products.
Storage
1) Keep storage place temperature
+5 to +35˚C, humidity 45 to 75%
RH.
2) Please keep parts out of poisonous gas such as sulfur or chlorine in
the air, and out of salty moisture. Or they may cause rust of
terminal, and poor solderability. and, please consider the above-
mentioned item after mounting your company.
(Caution) Cooling after soldering should be as slow as possible.
Ensure that the chip Resistor is preheated adequately.
Ensure that the temperature difference(
∆T) does not exceed 130˚C.
*Do not place the soldering iron on the chip. Soldering iron is 30W max.
reflow
2) Recommendable temperature profile
4) Soldering iron
wave
0
50
100
150
200
250
300
Temp(
°C)
60 sec.
60 sec.
10 sec. max.
(Time)
230 to 250
°C
More than 180
°C
40 sec. max.
preheat
0
50
100
150
200
250
300
Temp(
°C)
60 to 120 sec.
3 sec. max.
(Time)
230 to 250
°C
∆T
preheat
Temperature
soldering iron 300
±5°C*
Time
3 sec. max.
*
3) pb-free recommendable temperature profile
reflow
0
50
100
150
200
250
300
Temp(
°C)
90
±30 sec.
(Time)
Peak temperature
250
°C±5°C
5 to 10 sec. max.
More than 220
°C
20 sec. max.
1 to 3
°C/sec.
170 to 180
°C
preheat



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com