Electronic Components Datasheet Search
  English  ▼

X  

CRA3A Datasheet(PDF) 7 Page - Kyocera Kinseki Corpotation

Part # CRA3A
Description  Reduction in mounting process & costs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KSS [Kyocera Kinseki Corpotation]
Direct Link  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation

CRA3A Datasheet(HTML) 7 Page - Kyocera Kinseki Corpotation

  CRA3A Datasheet HTML 1Page - Kyocera Kinseki Corpotation CRA3A Datasheet HTML 2Page - Kyocera Kinseki Corpotation CRA3A Datasheet HTML 3Page - Kyocera Kinseki Corpotation CRA3A Datasheet HTML 4Page - Kyocera Kinseki Corpotation CRA3A Datasheet HTML 5Page - Kyocera Kinseki Corpotation CRA3A Datasheet HTML 6Page - Kyocera Kinseki Corpotation CRA3A Datasheet HTML 7Page - Kyocera Kinseki Corpotation CRA3A Datasheet HTML 8Page - Kyocera Kinseki Corpotation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Mechanical Characteristics
Environmental Characteristics
Item
Standard
Test Conditions
Solderability
Terminal
Strength
Anti-Vibration
Test
Solvent
Resistance
Soldering Heat
Resistance
∆R/R
∆R/R
Visual
Visual
±(1%+0.05Ω)max
of the intial value
±(1%+0.05Ω)max
of the intial value
±(1%+0.1Ω)max
of the intial value
±(0.5%+0.05Ω)max
of the intial value
50m
Ωmax
50m
Ωmax
50m
Ωmax
50m
Ωmax
No evidence of mechanical damage after loading
No evidence of leaching
Coverage
≥95% each termination end
No evidence of mechanical damage
No evidence of mechanical damage
Apply the load as show:
Measure resistance during load application
PC board: Glass epoxy t
=1.6
Immerse into molten solder at 260
±5°C for 10±1sec.
Stabillize component at room temperature for 1hr.
Measure resistance.
Immerse in Rogin Flux for 2
±0.5 sec. and in
SN62 solder at 235
±5°C for 2±0.5 sec.
2 hrs. each in X, Y and Z axis. (TTL 6hrs.)10 to 55 Hz
sweep in 1min.at 1.5mm amplitude.
Immerse in static state butyl acetate at 20
°C to 25°C
for 30
±5sec.
Stabillize component at room temperature for 30min
then measure Value.
20
R230
50
(
φ5)
45
45
±2max
Unit: mm
Bending in
10seconds
∆R/R
Visual
∆R/R
Visual
Visual
±(2%+0.1Ω)max
of the intial value
±(3%+0.1Ω)max
of the intial value
±(1%+0.05Ω)max
of the intial value
±(3%+0.1Ω)max
of the intial value
±(3%+0.1Ω)max
of the intial value
±(3%+0.1Ω)max
of the intial value
50m
Ωmax
∆R/R
No evidence of mechanical damage
1) Dwell in
−55°C chamber without loading for 1000
hrs.
2) Stabilize component at room temperature for 1hr.
then measure value.
1) Run 5cycles as follows:
−55±3°C for 30min.
125
±3°C for 30min. Room temp for 10-15min.
2) Stabilize component at room temperature for 1hr.
then measure value.
1) Dwell in temp: 65
°C RH90 to 95%RH chamber
without loading for 1000
hrs.
2) Stabilize component at room temperature for 1hr.
then measure value.
1) Temp: 70
±3°C Voltage: (rated voltage) on 90 min
off 30min. Duration: 1000
hrs.
2) Stabilize component at room temperature for 1hr.
then measure value.
1) Temp: 40
±2°C RH: 90-95% Voltage Cycle: on 90
min(rated voltage) off 30min. Duration: 1000
hrs.
2) Stabilize component at room temperature for 1hr.
then measure value.
1) Dwell in 125
°C chamber without loading for 1000
hrs.
2) Stabilize component at room temperature for 1hr.
then measure value.
+48
−0
Item
Standard
Test Conditions
Resistor
Jumper
Resistor
Jumper
Low
Temperature
Storage
High
Temperature
Storage
Temperature
Cycle
Moisture
Resistance
+48
−0
+48
−0
Life Test
Loading Life
in Moisture
Visual
50m
Ωmax
∆R/R
No evidence of mechanical damage
Visual
50m
Ωmax
∆R/R
No evidence of mechanical damage
Visual
50m
Ωmax
∆R/R
No evidence of mechanical damage
Visual
50m
Ωmax
∆R/R
No evidence of mechanical damage
Visual
50m
Ωmax
∆R/R
No evidence of mechanical damage
+48
−0
+48
−0
Test Conditions and Standards
CR, CJ, CRA3A, CRB3A, CRC3A series
Resistor
Jumper
Resistor
Jumper



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com