Electronic Components Datasheet Search
  English  ▼

X  

CRA3A Datasheet(PDF) 3 Page - Kyocera Kinseki Corpotation

Part # CRA3A
Description  Reduction in mounting process & costs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KSS [Kyocera Kinseki Corpotation]
Direct Link  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation

CRA3A Datasheet(HTML) 3 Page - Kyocera Kinseki Corpotation

  CRA3A Datasheet HTML 1Page - Kyocera Kinseki Corpotation CRA3A Datasheet HTML 2Page - Kyocera Kinseki Corpotation CRA3A Datasheet HTML 3Page - Kyocera Kinseki Corpotation CRA3A Datasheet HTML 4Page - Kyocera Kinseki Corpotation CRA3A Datasheet HTML 5Page - Kyocera Kinseki Corpotation CRA3A Datasheet HTML 6Page - Kyocera Kinseki Corpotation CRA3A Datasheet HTML 7Page - Kyocera Kinseki Corpotation CRA3A Datasheet HTML 8Page - Kyocera Kinseki Corpotation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Chip Resistor Arrays
(CRC4A8E Series)
Features
• 0.5mm termination pitch(same as IC lead-pin
pitch).
Easy designing of pattern layout and
improve electrical characteristics for circuit.
3.8mm length of the chip makes the
assembly of the next chip possible without
changing the pattern pitch.
Dimensions
How to Order
CRC4A 8E 103 J T
qSeries CRC4A
wNumber of elements
8E = 8 elements
eResistance value
3 digits numbering
rTolerance
tPackaging
qw
e rt
Rating
(Unit : mm)
Code
L
W
T
P
c
Dimensions
3.8
±0.1
1.6
±0.1
0.45
±0.1
0.5typ
0.3
±0.2
Code
d
e
Dimensions
0.3
±0.15
0.3
±0.1
• No marking on chips.
Chip Resistor Arrays
Item
Rating
Rated power(70
°C)
1/16W/element
1/4W/packege
Max working voltage*
25V
Max over-load voltage
50V
Resistance value
10
Ω to 1MΩ
Torerance
J:
±5%
Working temperature
−55 to +125°C
Number of elements
8E:8elements
J
±5%
T
Taping paper 5,000pcs/reel
P
R1
R2
R3
R1
=R2=R3=R4=R5=R6=R7=R8
R4
R5
R6
R7
T
L
e
R8
R8
R8
• 8 element chip Resistor Array
CRC4A8E series (
Termination)
∗ Rated Voltage : Rated power × Resistance value,
whichever is less.
∗ Standard Resistance Value: E-6 Series
∗ Please contact sales engineer for any other requirements of
the nominal resistance value and the tolerance.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com