Electronic Components Datasheet Search
  English  ▼

X  

ICS950223 Datasheet(PDF) 12 Page - Integrated Circuit Systems

Part # ICS950223
Description  Programmable Timing Control Hub for P4
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS950223 Datasheet(HTML) 12 Page - Integrated Circuit Systems

Back Button ICS950223 Datasheet HTML 8Page - Integrated Circuit Systems ICS950223 Datasheet HTML 9Page - Integrated Circuit Systems ICS950223 Datasheet HTML 10Page - Integrated Circuit Systems ICS950223 Datasheet HTML 11Page - Integrated Circuit Systems ICS950223 Datasheet HTML 12Page - Integrated Circuit Systems ICS950223 Datasheet HTML 13Page - Integrated Circuit Systems ICS950223 Datasheet HTML 14Page - Integrated Circuit Systems ICS950223 Datasheet HTML 15Page - Integrated Circuit Systems ICS950223 Datasheet HTML 16Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
12
Integrated
Circuit
Systems, Inc.
ICS950223
0496C—05/06/05
I
2C Table: Vendor & Revision ID Register
Bit 7
RID3
R
-
-
1
Bit 6
RID2
R
-
-
1
Bit 5
RID1
R
-
-
0
Bit 4
RID0
R
-
-
1
Bit 3
VID3
R
-
-
0
Bit 2
VID2
R
-
-
0
Bit 1
VID1
R
-
-
0
Bit 0
VID0
R
-
-
1
I
2C Table: Byte Count Register
Bit 7
BC7
RW
-
-
0
Bit 6
BC6
RW
-
-
0
Bit 5
BC5
RW
-
-
0
Bit 4
BC4
RW
-
-
0
Bit 3
BC3
RW
-
-
1
Bit 2
BC2
RW
-
-
1
Bit 1
BC1
RW
-
-
1
Bit 0
BC0
RW
-
-
1
I
2C Table: Watchdog Timer Register
Pin #
Name
Control Function
Type
0
1
PWD
Bit 7
WD7
RW
-
-
0
Bit 6
WD6
RW
-
-
0
Bit 5
WD5
RW
-
-
0
Bit 4
WD4
RW
-
-
0
Bit 3
WD3
RW
-
-
1
Bit 2
WD2
RW
-
-
0
Bit 1
WD1
RW
-
-
0
Bit 0
WD0
RW
-
-
0
I
2C Table: VCO Control Select Bit & WD Timer Control Register
Bit 6
WDEN
Watchdog Enable
RW
Disable
Enable
0
Bit 4
WD SF4
RW
-
-
1
Bit 3
WD SF3
RW
-
-
1
Bit 2
WD SF2
RW
-
-
0
Bit 1
WD SF1
RW
-
-
0
Bit 0
WD SF0
RW
-
-
1
0
Bit 5
-
WDFSEN
WD Safe Frequency
Mode
RW
Latched
FS/Byte0
WD B10
b(4:0)
These bits represent
X*290ms the watchdog
timer will wait before it
goes to alarm mode.
Default is 8 X 290ms
=2.32 seconds
-
-
-
-
-
PWD
Writing to this register
will configure how
many bytes will be read
back, default is 0F = 15
bytes.
-
-
-
-
-
-
-
-
01
PWD
Byte 8
Pin #
Name
Control Function
Type
0
1
IIC Prog.
B(11:17)
M/N Programming
Enable
RW
Type
0
1
Type
-
Byte 7
Pin #
Name
Control Function
REVISION ID
-
-
-
-
VENDOR ID
-
-
-
Byte 9
-
-
-
PWD
Bit 7
-M/NEN
0
Latched
Input
Byte 10
Pin #
Name
Control Function
-
-
-
Writing to these bit will
configure the safe
frequency as Byte 0 Bit
(6:0)
-
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com