Electronic Components Datasheet Search
  English  ▼

X  

ICS950223 Datasheet(PDF) 14 Page - Integrated Circuit Systems

Part # ICS950223
Description  Programmable Timing Control Hub for P4
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS950223 Datasheet(HTML) 14 Page - Integrated Circuit Systems

Back Button ICS950223 Datasheet HTML 10Page - Integrated Circuit Systems ICS950223 Datasheet HTML 11Page - Integrated Circuit Systems ICS950223 Datasheet HTML 12Page - Integrated Circuit Systems ICS950223 Datasheet HTML 13Page - Integrated Circuit Systems ICS950223 Datasheet HTML 14Page - Integrated Circuit Systems ICS950223 Datasheet HTML 15Page - Integrated Circuit Systems ICS950223 Datasheet HTML 16Page - Integrated Circuit Systems ICS950223 Datasheet HTML 17Page - Integrated Circuit Systems ICS950223 Datasheet HTML 18Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
14
Integrated
Circuit
Systems, Inc.
ICS950223
0496C—05/06/05
I
2
C Table: Output Divider Control Register
Bit 7
CPU Div3
RW
X
Bit 6
CPU Div2
RW
X
Bit 5
CPU Div1
RW
X
Bit 4
CPU Div0
RW
X
Bit 3
CPU Div3
RW
X
Bit 2
CPU Div2
RW
X
Bit 1
CPU Div1
RW
X
Bit 0
CPU Div0
RW
X
CPUCLK [1:0] divider
ratio can be configured
via these 4 bits
individually.
See Table 3: Divider Ratio
Combination Table
-
-
-
-
Type
0
1
PWD
CPUCLK2 divider ratio
can be configured via
these 4 bits individually.
Byte 15
Pin #
Name
Control Function
See Table 3: Divider Ratio
Combination Table
Table 3: CPU, AGP and PCI Divider Ratio Combination Table
Bit
00011011
MSB
124
8
00
0
2
100
4
1000
8
1100
16
01
1
3
101
6
1001
12
1101
24
10
10
5
110
10
1010
20
1110
40
11
11
7
111
14
1011
28
1111
56
LSB
Address
Div
Address
Div
Address
Div
Address
Div
Divider (3:2)
I
2
C Table: Output Divider Control Register
Bit 7
3V66 Div3
RW
X
Bit 6
3V66 Div2
RW
X
Bit 5
3V66 Div1
RW
X
Bit 4
3V66 Div0
RW
X
Bit 3
3V66 Div3
RW
X
Bit 2
3V66 Div2
RW
X
Bit 1
3V66 Div1
RW
X
Bit 0
3V66 Div0
RW
X
I
2
C Table: Output Divider Control Register
Bit 7
3V66INV
3V66[3:2] Phase Invert
RW
Default
Inverse
X
Bit 6
3V66INV
3V66[1:0] Phase Invert
RW
Default
Inverse
X
Bit 5
CPUINV
CPU Phase Invert
RW
Default
Inverse
X
Bit 4
CPUINV
CPU Phase Invert
RW
Default
Inverse
X
Bit 3
PCI Div3
RW
X
Bit 2
PCI Div2
RW
X
Bit 1
PCI Div1
RW
X
Bit 0
PCI Div0
RW
X
PWD
-
PCI divider ratio can
be configured via these
4 bits individually.
See Table 3: Divider Ratio
Combination Table
-
-
-
Name
Control Function
Type
0
-
3V66 [1:0] divider ratio
can be configured via
these 4 bits individually.
See Table 3: Divider Ratio
Combination Table
-
-
-
1
Type
0
1
PWD
Byte 16
Pin #
Name
Control Function
-
3V66 [3:2] divider ratio
can be configured via
these 4 bits individually
See Table 3: Divider Ratio
Combination Table
-
-
-
-
Byte 17
Pin #
-
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com