Electronic Components Datasheet Search
  English  ▼

X  

ICS950223 Datasheet(PDF) 3 Page - Integrated Circuit Systems

Part # ICS950223
Description  Programmable Timing Control Hub for P4
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS950223 Datasheet(HTML) 3 Page - Integrated Circuit Systems

  ICS950223 Datasheet HTML 1Page - Integrated Circuit Systems ICS950223 Datasheet HTML 2Page - Integrated Circuit Systems ICS950223 Datasheet HTML 3Page - Integrated Circuit Systems ICS950223 Datasheet HTML 4Page - Integrated Circuit Systems ICS950223 Datasheet HTML 5Page - Integrated Circuit Systems ICS950223 Datasheet HTML 6Page - Integrated Circuit Systems ICS950223 Datasheet HTML 7Page - Integrated Circuit Systems ICS950223 Datasheet HTML 8Page - Integrated Circuit Systems ICS950223 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
3
Integrated
Circuit
Systems, Inc.
ICS950223
0496C—05/06/05
Pin Description (Continued)
PIN PIN
PIN
#
NAME
TYPE
25
SDATA
I/O
Data pin for I2C circuitry 5V tolerant
26
SCLK
IN
Clock pin of I2C circuitry 5V tolerant
27
3V66_3_48MHz/Sel66_48#**
I/O
Selectable 66.66MHz, 48MHz clock output / Select input for 66.66/48MHz output.
0=48mHz, 1 = 66.66MHz
28
3V66_2
OUT 3.3V 66.66MHz clock output
29
GND
PWR Ground pin.
30
3V66_1
OUT 3.3V 66.66MHz clock output
31
3V66_0
OUT 3.3V 66.66MHz clock output
32
VDD3V66
PWR Power pin for the 3V66 clocks.
33
GND
PWR Ground pin.
34
AVDD
PWR 3.3V Analog Power pin for Core PLL
35
IREF
OUT
This pin establishes the reference current for the differential current-mode output pairs.
This pin requires a fixed precision resistor tied to ground in order to establish the
appropriate current. 475 ohms is the standard value.
36
GNDCPU
PWR Ground pin for the CPU outputs
37
CPUCLKC1
OUT
"Complimentary" clocks of differential pair CPU outputs. These are current mode
outputs. External resistors are required for voltage bias.
38
CPUCLKT1
OUT
"True" clocks of differential pair CPU outputs. These are current mode outputs.
External resistors are required for voltage bias.
39
VDDCPU
PWR Supply for CPU clocks, 3.3V nominal
40
CPUCLKC0
OUT
"Complimentary" clocks of differential pair CPU outputs. These are current mode
outputs. External resistors are required for voltage bias.
41
CPUCLKT0
OUT
"True" clocks of differential pair CPU outputs. These are current mode outputs.
External resistors are required for voltage bias.
42
PD#*
IN
Asynchronous active low input pin used to power down the device into a low power
state. The internal clocks are disabled and the VCO and the crystal are stopped. The
latency of the power down will not be greater than 1.8ms.
43
GNDCPU
PWR Ground pin for the CPU outputs
44
CPUCLKC2
OUT
"Complimentary" clocks of differential pair CPU outputs. These are current mode
outputs. External resistors are required for voltage bias.
45
CPUCLKT2
OUT
"True" clocks of differential pair CPU outputs. These are current mode outputs.
External resistors are required for voltage bias.
46
VDDCPU
PWR Supply for CPU clocks, 3.3V nominal
47
GNDREF
PWR Ground pin for the REF outputs.
48
REF0/MULTSEL0**
I/O
3.3V LVTTL input for selection the current multiplier for CPU outputs / 14.318 MHz
reference clock.
* Internal Pull-Up Resistor
** Internal Pull-Down Resistor
DESCRIPTION
~ This output has 2X drive



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com