Electronic Components Datasheet Search
  English  ▼

X  

ICS950223 Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # ICS950223
Description  Programmable Timing Control Hub for P4
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS950223 Datasheet(HTML) 2 Page - Integrated Circuit Systems

  ICS950223 Datasheet HTML 1Page - Integrated Circuit Systems ICS950223 Datasheet HTML 2Page - Integrated Circuit Systems ICS950223 Datasheet HTML 3Page - Integrated Circuit Systems ICS950223 Datasheet HTML 4Page - Integrated Circuit Systems ICS950223 Datasheet HTML 5Page - Integrated Circuit Systems ICS950223 Datasheet HTML 6Page - Integrated Circuit Systems ICS950223 Datasheet HTML 7Page - Integrated Circuit Systems ICS950223 Datasheet HTML 8Page - Integrated Circuit Systems ICS950223 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
2
Integrated
Circuit
Systems, Inc.
ICS950223
0496C—05/06/05
Pin Description
The ICS950223 is a single chip clock solution for desktop designs using the Intel Brookdale chipset with PC133 or DDR memory.
It provides all necessary clock signals for such a system.
The ICS950223 is part of a whole new line of ICS clock generators and buffers called TCH™ (Timing Control Hub). ICS is the first
to introduce a whole product line which offers full programmability and flexibility on a single clock device.This part incorporates ICS's
newest clock technology which offers more robust features and functionality. Employing the use of a serially programmable I
2C
interface, this device can adjust the output clocks by configuring the frequency setting, the output divider ratios, selecting the ideal
spread percentage, the output skew, the output strength, and enabling/disabling each individual output clock.TCH also incorporates
ICS's Watchdog Timer technology and a reset feature to provide a safe setting under unstable system conditions. M/N control can
configure output frequency with resolution up to 0.1MHz increment.With all these programmable features ICS's, TCH makes mother
board testing, tuning and improvement very simple.
General Description
PIN
PIN
PIN
#
NAME
TYPE
1
*MULTSEL1/REF1
I/O
3.3V LVTTL input for selection the current multiplier for CPU outputs / 14.318 MHz reference
clock.
2
VDDREF
PWR Ref, XTAL power supply, nominal 3.3V
3
X1
IN
Crystal input, Nominally 14.318MHz.
4
X2
OUT Crystal output, Nominally 14.318MHz
5
GND
PWR Ground pin.
6
*FS2/PCICLK0
I/O
Frequency select latch input pin / 3.3V PCI clock output.
7
*FS3/PCICLK1
I/O
Frequency select latch input pin / 3.3V PCI clock output.
8
**SEL48_24#/PCICLK2
I/O
Latched select input for 48/24MHz output. 0=24MHz, 1 = 48MHz / 3.3V PCI clock output.
9
VDDPCI
PWR Power supply for PCI clocks, nominal 3.3V
10
*FS4/PCICLK3
I/O
Frequency select latch input pin / 3.3V PCI clock output.
11
PCICLK4
OUT PCI clock output.
12
PCICLK5
OUT PCI clock output.
13
GND
PWR Ground pin.
14
PCICLK6
OUT PCI clock output.
15
PCICLK7
OUT PCI clock output.
16
PCICLK8
OUT PCI clock output.
17
PCICLK9
OUT PCI clock output.
18
VDDPCI
PWR Power supply for PCI clocks, nominal 3.3V
19
Vttpwr_GD#
IN
This 3.3V LVTTL input is a level sensitive strobe used to determine when latch inputs are
valid and are ready to be sampled. This is an active low input.
20
RESET#
OUT
Real time system reset signal for frequency gear ratio change or watchdog timer timeout.
This signal is active low.
21
GND
PWR Ground pin.
22
~*FS0/48MHz
I/O
Frequency select latch input pin / Fixed 48MHz clock output. 3.3V
23
*FS1/24_48MHz
I/O
Frequency select latch input pin / Fixed 24 or 48MHz clock output. 3.3V.
24
AVDD48
PWR Power for 24/48MHz outputs and fixed PLL core, nominal 3.3V
* Internal Pull-Up Resistor
** Internal Pull-Down Resistor
DESCRIPTION
~ This output has 2X drive



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com