Electronic Components Datasheet Search
  English  ▼

X  

ICS950223 Datasheet(PDF) 18 Page - Integrated Circuit Systems

Part # ICS950223
Description  Programmable Timing Control Hub for P4
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS950223 Datasheet(HTML) 18 Page - Integrated Circuit Systems

Back Button ICS950223 Datasheet HTML 14Page - Integrated Circuit Systems ICS950223 Datasheet HTML 15Page - Integrated Circuit Systems ICS950223 Datasheet HTML 16Page - Integrated Circuit Systems ICS950223 Datasheet HTML 17Page - Integrated Circuit Systems ICS950223 Datasheet HTML 18Page - Integrated Circuit Systems ICS950223 Datasheet HTML 19Page - Integrated Circuit Systems ICS950223 Datasheet HTML 20Page - Integrated Circuit Systems ICS950223 Datasheet HTML 21Page - Integrated Circuit Systems ICS950223 Datasheet HTML 22Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
18
Integrated
Circuit
Systems, Inc.
ICS950223
0496C—05/06/05
Absolute Maximum Ratings
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5.5 V
Logic Inputs . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . GND –0.5 V to VDD +0.5 V
Ambient Operating Temperature . . . . . . . . . . . . . . . . . 0°C to +70°C
Case Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 115°C
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . –65°C to +150°C
Stresses above those listed under
Absolute Maximum Ratings may cause permanent damage to the device.These ratings are stress
specifications only and functional operation of the device at these or any other conditions above those listed in the operational
sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect product
reliability.
Electrical Characteristics - Input/Supply/Common Output Parameters
T
A = 0 - 70°C; Supply Voltage VDD = 3.3 V +/-5% (unless otherwise stated)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Input High Voltage
V
IH
2V
DD + 0.3
V
Input Low Voltage
V
IL
V
SS - 0.3
0.8
V
Input High Current
I
IH
V
IN = VDD
5mA
Input Low Current
I
IL1
V
IN = 0 V; Inputs with no pull-up resistors
-5
mA
Input Low Current
I
IL2
V
IN = 0 V; Inputs with pull-up resistors
-200
mA
Operating Supply
Current
I
DD(op)
C
L = 0 pF; Select @ 100MHz
217
260
mA
Power Down
Supply Current
I
DDPD
C
L = 0 pF; With input address to Vdd or GND
31
40
mA
Input frequency
F
i
V
DD = 3.3 V;
11
14.31818
16
MHz
C
IN
Logic Inputs
5
pF
C
INX
X1 & X2 pins
27
45
pF
Clk Stabilization1
T
STAB
From V
DD = 3.3 V to 1% target Freq.
1
1.8
ms
Skew1
T
CPU-PCI
V
T = 1.5 V
1.5
2.5
3.5
ns
1Guaranteed by design, not 100% tested in production.
Input Capacitance1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com