Electronic Components Datasheet Search
  English  ▼

X  

HSHCAL101B Datasheet(PDF) 4 Page - ALPS ELECTRIC CO.,LTD.

Part # HSHCAL101B
Description  Digtal Humidity Sensor
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

HSHCAL101B Datasheet(HTML) 4 Page - ALPS ELECTRIC CO.,LTD.

  HSHCAL101B Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. HSHCAL101B Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. HSHCAL101B Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. HSHCAL101B Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. HSHCAL101B Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD. HSHCAL101B Datasheet HTML 6Page - ALPS ELECTRIC CO.,LTD. HSHCAL101B Datasheet HTML 7Page - ALPS ELECTRIC CO.,LTD. HSHCAL101B Datasheet HTML 8Page - ALPS ELECTRIC CO.,LTD. HSHCAL101B Datasheet HTML 9Page - ALPS ELECTRIC CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
(Page 4/ )
Figure 2.
製品外形 
Dimensions of the product
Top-View
Bottom View
パターン無しエリア
パターン無しエリア
3mmx6mmx3
箇所
3mmx3mmx4
箇所
3mmx4mmx1
箇所
4-3.
内部構造
内部構造
内部構造
内部構造
Internal structure
Figure 3.
内部構造
Internal structure
Table 2.
実装部品
Parts on board
No.
Symbol
Name
1
U1
Digital Humidity Sensor
2
U2
Regulator 1.8V
3
U3
MOS FET (ROHM EM6K6T2R)
4
C1
Capacitor
 
1uF
5
C2
Capacitor
 
1uF
6
R1
Pull-up resistor 3.3kOhm
7
R2
Pull-up resistor 3.3kOhm
8
-
Cover case
9
-
Connector ( JST S4B-PH-K-S)
4-4.
端子配置図
端子配置図
端子配置図
端子配置図
Schematic layout of the terminal
Figure 4.
コネクタ端子
Connector terminal
Table 3.
ピン端子
Pin descriptions
No
1
2
3
4
Comment
VDD
Supply voltage
VSS
Ground
SCL
Serial clock
SDA
Serial data
Name
1
2
3
4
5
6
7
8
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com