Electronic Components Datasheet Search
  English  ▼

X  

HSHCAL101B Datasheet(PDF) 5 Page - ALPS ELECTRIC CO.,LTD.

Part # HSHCAL101B
Description  Digtal Humidity Sensor
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

HSHCAL101B Datasheet(HTML) 5 Page - ALPS ELECTRIC CO.,LTD.

  HSHCAL101B Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. HSHCAL101B Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. HSHCAL101B Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. HSHCAL101B Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. HSHCAL101B Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD. HSHCAL101B Datasheet HTML 6Page - ALPS ELECTRIC CO.,LTD. HSHCAL101B Datasheet HTML 7Page - ALPS ELECTRIC CO.,LTD. HSHCAL101B Datasheet HTML 8Page - ALPS ELECTRIC CO.,LTD. HSHCAL101B Datasheet HTML 9Page - ALPS ELECTRIC CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
(Page 5/ )
4-5.
内部回路図
内部回路図
内部回路図
内部回路図
Internal circuit diagram
Figure 5.
内部回路
Internal circuit
4-6.
推奨回路図
推奨回路図
推奨回路図
推奨回路図
Recommendation circuit diagram
Figure 6.
推奨回路
Recommendation circuit
 
*
プルアップ抵抗
Rp
は
推奨
3.3kΩ
Rp is a recommendation 3.3k ohm pull-up resistor.
HSHCAL101B
HSHCAL101B
HSHCAL101B
HSHCAL101B
HSHCAL101B
VDD
SCL
SDA
VSS(GND)
MPC
(Master)
VDD
SCL
SDA
VSS(GND)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com