Electronic Components Datasheet Search
  English  ▼

X  

OPA2156 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2156
Description  36-V, Ultra-Low Noise, Wide-Bandwidth, Precision Rail-to-Rail Operational Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA2156 Datasheet(HTML) 2 Page - Texas Instruments

  OPA2156 Datasheet HTML 1Page - Texas Instruments OPA2156 Datasheet HTML 2Page - Texas Instruments OPA2156 Datasheet HTML 3Page - Texas Instruments OPA2156 Datasheet HTML 4Page - Texas Instruments OPA2156 Datasheet HTML 5Page - Texas Instruments OPA2156 Datasheet HTML 6Page - Texas Instruments OPA2156 Datasheet HTML 7Page - Texas Instruments OPA2156 Datasheet HTML 8Page - Texas Instruments OPA2156 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
2
OPA2156
SBOS900 – SEPTEMBER 2018
www.ti.com
Product Folder Links: OPA2156
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Pin Configuration and Functions ......................... 3
6
Specifications......................................................... 4
6.1
Absolute Maximum Ratings ...................................... 4
6.2
ESD Ratings.............................................................. 4
6.3
Recommended Operating Conditions ....................... 4
6.4
Thermal Information: OPA2156 ................................ 4
6.5
Electrical Characteristics:VS = ±2.25 V to ±18 V (VS =
4.5 V to 36 V)............................................................. 5
7
Detailed Description .............................................. 7
7.1
Overview ................................................................... 7
7.2
Functional Block Diagram ......................................... 7
7.3
Feature Description................................................... 7
7.4
Device Functional Modes.......................................... 9
8
Application and Implementation ........................ 10
8.1
Application Information............................................ 10
8.2
Typical Application: Low-Side Current
Measurement ........................................................... 11
9
Power Supply Recommendations ...................... 13
10
Layout................................................................... 13
10.1
Layout Guidelines ................................................. 13
10.2
Layout Example .................................................... 14
10.3
Power Dissipation ................................................. 14
11
Device and Documentation Support ................. 15
11.1
Device Support...................................................... 15
11.2
Documentation Support ........................................ 15
11.3
Receiving Notification of Documentation Updates 15
11.4
Community Resources.......................................... 15
11.5
Trademarks ........................................................... 15
11.6
Electrostatic Discharge Caution ............................ 16
11.7
Glossary ................................................................ 16
12
Mechanical, Packaging, and Orderable
Information ........................................................... 16
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
DATE
REVISION
NOTES
September 2018
*
Initial release



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com