Electronic Components Datasheet Search
  English  ▼

X  

OPA2156 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2156
Description  36-V, Ultra-Low Noise, Wide-Bandwidth, Precision Rail-to-Rail Operational Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA2156 Datasheet(HTML) 13 Page - Texas Instruments

Back Button OPA2156 Datasheet HTML 9Page - Texas Instruments OPA2156 Datasheet HTML 10Page - Texas Instruments OPA2156 Datasheet HTML 11Page - Texas Instruments OPA2156 Datasheet HTML 12Page - Texas Instruments OPA2156 Datasheet HTML 13Page - Texas Instruments OPA2156 Datasheet HTML 14Page - Texas Instruments OPA2156 Datasheet HTML 15Page - Texas Instruments OPA2156 Datasheet HTML 16Page - Texas Instruments OPA2156 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
13
OPA2156
www.ti.com
SBOS900 – SEPTEMBER 2018
Product Folder Links: OPA2156
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
9 Power Supply Recommendations
The OPA2156 is specified for operation from 4.5 V to 36 V (±2.25 V to ±18 V); many specifications apply from
–40°C to 125°C. Parameters that can exhibit significant variance with regard to operating voltage or temperature
are presented in the .
CAUTION
Supply voltages larger than 40 V can permanently damage the device; see the
Absolute Maximum Ratings.
10 Layout
10.1 Layout Guidelines
For best operational performance of the device, use good PCB layout practices, including:
•
Connect low-ESR, 0.1-µF ceramic bypass capacitors between each supply pin and ground, placed as close
as possible to the device. A single bypass capacitor from V+ to ground is applicable for single-supply
applications.
–
Noise can propagate into analog circuitry through the power pins of the circuit as a whole and op amp
itself. Bypass capacitors are used to reduce the coupled noise by providing low-impedance power sources
local to the analog circuitry.
•
Make sure to physically separate digital and analog grounds paying attention to the flow of the ground
current. Separate grounding for analog and digital portions of circuitry is one of the simplest and most-
effective methods of noise suppression. One or more layers on multilayer PCBs are usually devoted to
ground planes. A ground plane helps distribute heat and reduces EMI noise pickup.
•
In order to reduce parasitic coupling, run the input traces as far away as possible from the supply or output
traces. If these traces cannot be kept separate, crossing the sensitive trace perpendicular is much better as
opposed to in parallel with the noisy trace.
•
Place the external components as close to the device as possible. As shown in Figure 7, keeping RF and RG
close to the inverting input minimizes parasitic capacitance.
•
Keep the length of input traces as short as possible. Always remember that the input traces are the most
sensitive part of the circuit.
•
Consider a driven, low-impedance guard ring around the critical traces. A guard ring can significantly reduce
leakage currents from nearby traces that are at different potentials.
•
Clean the PCB following board assembly for best performance.
•
Any precision integrated circuit may experience performance shifts due to moisture ingress into the plastic
package. After any aqueous PCB cleaning process, bake the PCB assembly to remove moisture introduced
into the device packaging during the cleaning process. A low-temperature, post-cleaning bake at 85°C for 30
minutes is sufficient for most circumstances.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com