Electronic Components Datasheet Search
  English  ▼

X  

OPA2156 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2156
Description  36-V, Ultra-Low Noise, Wide-Bandwidth, Precision Rail-to-Rail Operational Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA2156 Datasheet(HTML) 11 Page - Texas Instruments

Back Button OPA2156 Datasheet HTML 7Page - Texas Instruments OPA2156 Datasheet HTML 8Page - Texas Instruments OPA2156 Datasheet HTML 9Page - Texas Instruments OPA2156 Datasheet HTML 10Page - Texas Instruments OPA2156 Datasheet HTML 11Page - Texas Instruments OPA2156 Datasheet HTML 12Page - Texas Instruments OPA2156 Datasheet HTML 13Page - Texas Instruments OPA2156 Datasheet HTML 14Page - Texas Instruments OPA2156 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
F
G
R
Gain
1
R
_
_
_
_
OUT MAX
OUT MIN
IN MAX
IN MIN
V
V
Gain
V
V
_
_
SHUNT MAX
SHUNT
LOAD MAX
V
100mV
R
100m
I
1A
:
OUT
LOAD
SHUNT
V
I
R
Gain
u
u
VCC
+
±
7.5k
100m
LOAD
ILOAD
360k
LM7705
5 V
VOUT
RSHUNT
RF
RG
OPA2156
11
OPA2156
www.ti.com
SBOS900 – SEPTEMBER 2018
Product Folder Links: OPA2156
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
8.2 Typical Application: Low-Side Current Measurement
Figure 4 shows a channel of the OPA2156 configured in a low-side current sensing application. For a full
analysis of the circuit shown in Figure 4 including theory, calculations, simulations, and measured data see the 0-
1A, single-supply, low-side, current sensing solution, see TIPD129.
Figure 4. OPA2156 in a Low-Side, Current-Sensing Application
8.2.1 Design Requirements
The design requirements for this design are:
•
Load current: 0 A to 1 A
•
Output voltage: 4.9 V
•
Maximum shunt voltage: 100 mV
8.2.2 Detailed Design Procedure
The transfer function of the circuit in Figure 4 is given in Equation 1:
(1)
The load current (ILOAD) produces a voltage drop across the shunt resistor (RSHUNT). The load current is set from
0 A to 1 A. To keep the shunt voltage below 100 mV at maximum load current, the largest shunt resistor is
defined using Equation 2.
(2)
Using Equation 2, RSHUNT is calculated to be 100 mΩ. The voltage drop produced by ILOAD and RSHUNT is
amplified by the OPA2156 to produce an output voltage of 0 V to 4.9 V. The gain needed by the OPA2156 to
produce the necessary output voltage is calculated using Equation 3:
(3)
Using Equation 3, the required gain is calculated to be 49 V/V, which is set with resistors RF and RG. Equation 4
is used to size the resistors, RF and RG, to set the gain of the OPA2156 to 49 V/V.
(4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com