Electronic Components Datasheet Search
  English  ▼

X  

OPA2156 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2156
Description  36-V, Ultra-Low Noise, Wide-Bandwidth, Precision Rail-to-Rail Operational Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA2156 Datasheet(HTML) 12 Page - Texas Instruments

Back Button OPA2156 Datasheet HTML 8Page - Texas Instruments OPA2156 Datasheet HTML 9Page - Texas Instruments OPA2156 Datasheet HTML 10Page - Texas Instruments OPA2156 Datasheet HTML 11Page - Texas Instruments OPA2156 Datasheet HTML 12Page - Texas Instruments OPA2156 Datasheet HTML 13Page - Texas Instruments OPA2156 Datasheet HTML 14Page - Texas Instruments OPA2156 Datasheet HTML 15Page - Texas Instruments OPA2156 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
ILOAD (A)
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
0
1
2
3
4
5
ILOAD (A)
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
0
0.02
0.04
0.06
0.08
0.1
12
OPA2156
SBOS900 – SEPTEMBER 2018
www.ti.com
Product Folder Links: OPA2156
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Typical Application: Low-Side Current Measurement (continued)
Choosing RF as 360 kΩ, RG is calculated to be 7.5 kΩ. RF and RG were chosen as 360 kΩ and 7.5 kΩ because
they are standard value resistors that create a 49:1 ratio. Other resistors that create a 49:1 ratio can also be
used. Figure 2 shows the measured transfer function of the circuit shown in Figure 4.
8.2.3 Application Curves
Figure 5. Low-Side, Current-Sense, Transfer Function
Figure 6. Low-Side, Current-Sense, Full-Scale Error



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com