Electronic Components Datasheet Search
  English  ▼

X  

FUSB301 Datasheet(PDF) 5 Page - ON Semiconductor

Part # FUSB301
Description  Autonomous USB Type-C Controller with Super Speed Switch Control
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FUSB301 Datasheet(HTML) 5 Page - ON Semiconductor

  FUSB301 Datasheet HTML 1Page - ON Semiconductor FUSB301 Datasheet HTML 2Page - ON Semiconductor FUSB301 Datasheet HTML 3Page - ON Semiconductor FUSB301 Datasheet HTML 4Page - ON Semiconductor FUSB301 Datasheet HTML 5Page - ON Semiconductor FUSB301 Datasheet HTML 6Page - ON Semiconductor FUSB301 Datasheet HTML 7Page - ON Semiconductor FUSB301 Datasheet HTML 8Page - ON Semiconductor FUSB301 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
FUSB301
www.onsemi.com
5
DC AND TRANSIENT CHARACTERISTICS
Unless otherwise specified: Recommended TA and TJ temperature ranges. All typical values are at TA = 25°C and VDD = 3.3 V unless
otherwise specified. (continued)
Symbol
Unit
TA = −40 to +855C
TJ = −40 to +1255C
Parameter
Symbol
Unit
Max.
Typ.
Min.
Parameter
vRd−SRCdef
Rd Detection Threshold for Source for Default Current
(HOST_CUR1/0 = 01)
1.50
1.60
1.65
V
vRd−SRC1.5A
Rd Detection Threshold for Source for 1.5 A Current
(HOST_CUR1/0 = 10)
1.50
1.60
1.65
V
vRd−SRC3A
Rd Detection Threshold for Source for 3 A Current
(HOST_CUR1/0 = 11)
2.45
2.60
2.75
V
vRa−SNK
Ra Detection Threshold for CC Pin for Sink
0.15
0.20
0.25
V
vRd−def
Rd Default Current Detection Threshold for Sink
0.61
0.66
0.70
V
vRd−1.5A
Rd 1.5 A Current Detection Threshold for Sink
1.16
1.23
1.31
V
vRd−3.0A
Rd 3 A Current Detection Threshold for Sink
2.04
2.11
2.18
V
vVBUSthr
VBUS Threshold at which I_VBUSOK Interrupt is Triggered
3.7
V
CURRENT CONSUMPTION
Symbol
Parameter
VDD (V)
Conditions
TA = −40 to +855C
TJ = −40 to +1255C
Unit
Min.
Typ.
Max.
Unit
Idisable
Disabled Current
3.0 to 5.5
Disabled State
0.35
2.0
mA
Istby
Unattached Sink
3.0 to 5.5
Nothing attached
3.5
7.0
mA
Unattached Sink + Acc,
Source + Acc, or DRP
Nothing attached, Internally
Toggling
5
20
mA
Iattach
Attach Current (Less Host
Current)
3.0 to 5.5
Attached as a Sink
5
15
mA
Attached as a Source
10
15
mA
TIMING PARAMETERS
Symbol
Parameter
TA = −40 to +855C
TJ = −40 to +1255C
Unit
Min.
Typ.
Max.
Unit
tCCDebounce
Debounce Time for CC (Source or Accessory)
100
150
200
ms
Debounce Time for CC (Sink)
63
75
87
ms
tPDDebounce
Debounce Time for CC Detach Detection
10
15
20
ms
tAccDetect
Debounce Time to Detect AudioAccessory, or DebugAccessory is At-
tached
50
100
200
ms
tErrorRecovery
Time staying in the ErrorRecovery State if sent there via the
ERROR_REC bit or by a change of Modes
25
50
100
ms
tVBUSondeb
Debounce Time of VBUS Detection when acting as a Sink to Signal VBUS
is present
0.167
0.200
0.375
ms
tVBUSoffdeb
Debounce Time of VBUS Detection when acting as a Sink to Signal VBUS
has been removed
10
15
20
ms
tDRPToggle1
For DRP Operation, Time Spent in Unat-
tached.Sink before going to Unattached.Source
State
DRPROGGLE = 00
35
70
ms
DRPROGGLE = 01
30
60
DRPROGGLE = 10
25
50
DRPROGGLE = 11
20
40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com