Electronic Components Datasheet Search
  English  ▼

X  

FUSB301 Datasheet(PDF) 10 Page - ON Semiconductor

Part # FUSB301
Description  Autonomous USB Type-C Controller with Super Speed Switch Control
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FUSB301 Datasheet(HTML) 10 Page - ON Semiconductor

Back Button FUSB301 Datasheet HTML 6Page - ON Semiconductor FUSB301 Datasheet HTML 7Page - ON Semiconductor FUSB301 Datasheet HTML 8Page - ON Semiconductor FUSB301 Datasheet HTML 9Page - ON Semiconductor FUSB301 Datasheet HTML 10Page - ON Semiconductor FUSB301 Datasheet HTML 11Page - ON Semiconductor FUSB301 Datasheet HTML 12Page - ON Semiconductor FUSB301 Datasheet HTML 13Page - ON Semiconductor FUSB301 Datasheet HTML 14Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
FUSB301
www.onsemi.com
10
Table 10. MASK (continued)
Address: 10h
Reset Value: 0×XXXX_0000
Type: Read/Write
Bit #
Description
Size (Bits)
Name
1
M_DETACH
1
1: Mask the I_DETACH interrupt bit
0
M_ATTACH
1
1: Mask a change in the I_ATTACH interrupt bit
Table 11. STATUS
Address: 11h
Reset Value: 0×XX00_0000
Type: Read
Bit #
Name
Size (Bits)
Description
7:6
Reserved
2
Do Not Use
5:4
ORIENT[1:0]
2
Status to indicate which CCx pins has the CC cable connection
11: A fault has occurred during the detection
10: Cable CC is connected through the CC2 pin
01: Cable CC is connected through the CC1 pin
00: No or unresolved connection detected.
3
VBUSOK
1
1: Status to indicate VBUS is in the valid range
2:1
BC_LVL[1:0]
2
Thresholds that allow detection of current advertisement on CC line
00: Ra or unattached Sink
01: Rd threshold for Sink default current advertisement
10: RD threshold for Sink 1.5 A current advertisement
11: RD threshold for Sink 3 A current advertisement
0
ATTACH
1
1: Attached to a device or accessory of a type shown in the Type register
Table 12. TYPE
Address: 12h
Reset Value: 0×XXX0_0X00
Type: Read
Bit #
Name
Size (Bits)
Description
7:5
Reserved
3
Do Not Use
4
Sink
1
1: Indicates a Sink has been detected
3
Source
1
1: Indicates a Source has been detected
2
Reserved
1
Do Not Use
1
DEBUGACC
1
1: Indicates a Debug Accessory has been detected
0
AUDIOACC
1
1: Indicates a Audio Accessory has been detected
Table 13. INTERRUPT0
Address: 13h
Reset Value: 0×XXXX_X000
Type: Write/Clear
Bit #
Name
Size (Bits)
Description
7:4
Reserved
4
Do Not Use
3
I_ACC_CH
1
1: Interrupt flagged when a change from Accessory Present to Audio Ac-
cessory or Debug Accessory occurs.
2
I_BC_LVL
1
1: Interrupt flagged when a change in BC_LVL advertised current level has
occurred



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com