Electronic Components Datasheet Search
  English  ▼

X  

FUSB301 Datasheet(PDF) 8 Page - ON Semiconductor

Part # FUSB301
Description  Autonomous USB Type-C Controller with Super Speed Switch Control
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FUSB301 Datasheet(HTML) 8 Page - ON Semiconductor

Back Button FUSB301 Datasheet HTML 4Page - ON Semiconductor FUSB301 Datasheet HTML 5Page - ON Semiconductor FUSB301 Datasheet HTML 6Page - ON Semiconductor FUSB301 Datasheet HTML 7Page - ON Semiconductor FUSB301 Datasheet HTML 8Page - ON Semiconductor FUSB301 Datasheet HTML 9Page - ON Semiconductor FUSB301 Datasheet HTML 10Page - ON Semiconductor FUSB301 Datasheet HTML 11Page - ON Semiconductor FUSB301 Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
FUSB301
www.onsemi.com
8
I2C ADDRESS
Table 3. FUSB301 I2C SLAVE ADDRESS
Name
Size (Bits)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Slave Address
8
0
1
0
0
1
0
1
R/W
REGISTER DEFINITIONS
Table 4. REGISTER MAP
Address
Register
Name
Type
RST
Val
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0×01
Device ID
RO
12
Version ID [3:0]
Revision ID [3:0]
0×02
Modes
R/W
04
DRP+ACC
DRP
Sink+ACC
Sink
Source+ACC
Source
0×03
Control
R/W
03
DRPTOGGLE
HOST_CUR1
HOST_CUR0
INT_MASK
0×04
Manual
W/C
00
UNATT_SNK
UNATT_SRC
DISABLED
ERROR_REC
0×05
Reset
W/C
00
SW_RES
0×06−0×0F
Reserved
X
xx
Do Not Use
0×10
Mask
R/W
00
M_ACC_CH
M_BC_LVL
M_DETACH
M_ATTACH
0×11
Status
RO
00
ORIENT1
ORIENT0
VBUSOK
BC_LVL1
BC_LVL0
ATTACH
0×12
Type
RO
00
Sink
Source
DEBUGACC
AUDIOACC
0×13
Interrupt
R/C
00
I_ACC_CH
I_BC_LVL
I_DETACH
I_ATTACH
0×14−0×1F
Reserved
X
xx
Do Not Use
4. Do not use registers that are blank.
5. Values read from undefined register bits are invalid. Do not write to undefined registers.
Table 5. DEVICE ID
Address: 01h
Reset Value: 0×0001_0010
Type: Read Only
Bit #
Name
Size (Bits)
Description
7:4
Version ID
4
Device version ID by Trim or etc.
A_[Version ID]: 0001
3:0
Revision ID
4
Revision History of each version
[Revision ID]_revC: 0010
Table 6. MODES
Address: 02h
Reset Value: 0×0000_0100
Type: Read/Write
Bit #
Name
Size (Bits)
Description
7:6
Reserved
2
Do Not Use
5
DRP+ACC
1
1: Configure device as a Dual Role Port (DRP) with accessory support
4
DRP
1
1: Configure device as a Dual Role Port (DRP) without accessory support
3
Sink+ACC
1
1: Configure device as a Sink with accessory support
2
Sink
1
1: Configure device as a Sink without accessory support
1
Source+ACC
1
1: Configure device as a Source with accessory support
0
Source
1
1: Configure device as a Source without accessory support



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com