Electronic Components Datasheet Search
  English  ▼

X  

FUSB301 Datasheet(PDF) 1 Page - ON Semiconductor

Part # FUSB301
Description  Autonomous USB Type-C Controller with Super Speed Switch Control
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FUSB301 Datasheet(HTML) 1 Page - ON Semiconductor

  FUSB301 Datasheet HTML 1Page - ON Semiconductor FUSB301 Datasheet HTML 2Page - ON Semiconductor FUSB301 Datasheet HTML 3Page - ON Semiconductor FUSB301 Datasheet HTML 4Page - ON Semiconductor FUSB301 Datasheet HTML 5Page - ON Semiconductor FUSB301 Datasheet HTML 6Page - ON Semiconductor FUSB301 Datasheet HTML 7Page - ON Semiconductor FUSB301 Datasheet HTML 8Page - ON Semiconductor FUSB301 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
© Semiconductor Components Industries, LLC, 2015
June, 2018 − Rev. 0
1
Publication Order Number:
FUSB301/D
FUSB301
Autonomous USB Type-C
Controller with Super Speed
Switch Control
Description
The FUSB301 is a fully autonomous Type-C controller optimized
for <15 W applications. The FUSB301 offers CC logic detection for
Source Mode, Sink Mode, Dual Role Port Mode, accessory detection
support, and dead battery support. The FUSB301 features an external
switch pin (SS_SW) to enable an external USB Super Speed Switch
without interrupting the processor. The FUSB301 features an
extremely low power disable mode as well as low power during
normal operation. It is available in an ultra thin, 10-Lead TMLP
package.
Features
• Fully Autonomous Type−C Controller
• Supports Type−C Versions 1.1 and 1.0
• VDD Operating Range, 3.0 V − 5.5 V
• Low Disable Power: ICC = 2 mA (Max.)
• Low Standby Power: ICC = 7 mA (Max.)
• Dual Role Port Mode with Optional Accessory Support
• Capable of Supporting Try.SNK and Try.SRC
• Super Speed Switch Control
• Dead Battery Support (SINK Support when No Power Applied)
• 2 kV HBM ESD Protection
• Small Packaging, 10 Lead TMLP (1.6 mm × 1.2 mm × 0.375 mm)
Applications
• Smartphones
• Tablets
• Notebooks
• Ultra Portable Applications
Figure 1. Typical Application
www.onsemi.com
See detailed ordering and shipping information on page 2
of this data sheet.
ORDERING INFORMATION
X2QFN10 1.6x1.2, 0.4P
CASE 722AC
Bottom View


Similar Part No. - FUSB301

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FUSB301A ONSEMI-FUSB301A Datasheet
315Kb / 14P
Autonomous USB Type-C Controller with Configurable I2C Address
June, 2018 ??Rev. 0
FUSB301ATMX ONSEMI-FUSB301ATMX Datasheet
315Kb / 14P
Autonomous USB Type-C Controller with Configurable I2C Address
June, 2018 ??Rev. 0
More results

Similar Description - FUSB301

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65982 TI1-TPS65982_16 Datasheet
2Mb / 117P
USB Type-C and USB PD Controller, Power Switch, and High-Speed Multiplexer
TPS65983B TI1-TPS65983B Datasheet
2Mb / 112P
USB Type-C and USB PD Controller, Power Switch, and High Speed Multiplexer
TPS65983B TI1-TPS65983B_16 Datasheet
2Mb / 117P
USB Type-C and USB PD Controller, Power Switch, and High Speed Multiplexer
logo
ON Semiconductor
FUSB301A ONSEMI-FUSB301A Datasheet
315Kb / 14P
Autonomous USB Type-C Controller with Configurable I2C Address
June, 2018 ??Rev. 0
FUSB303 ONSEMI-FUSB303 Datasheet
213Kb / 19P
Autonomous USB Port Controller with I2C and GPIO Control
January, 2018 ??Rev.1
logo
Texas Instruments
TPS65983B TI1-TPS65983B_18 Datasheet
2Mb / 120P
USB Type-C and USB PD Controller, Power Switch, and High Speed Multiplexer
logo
Diodes Incorporated
AP43761 DIODES-AP43761 Datasheet
435Kb / 8P
3A USB TYPE-C CONTROLLER WITH INTEGRATED SWITCH
Rev 3
logo
ON Semiconductor
FUSB303B ONSEMI-FUSB303B Datasheet
269Kb / 18P
FUSB303B Autonomous USB Type-C Port Controller with I2C and GPIO Control
April, 2020 ??Rev. 1
FUSB380 ONSEMI-FUSB380 Datasheet
213Kb / 8P
Autonomous USB Type-C Cable Marker
May, 2019 ??Rev. 1
FUSB380C ONSEMI-FUSB380C Datasheet
276Kb / 8P
Autonomous USB Type-C Passive Cable Marker
May, 2019 ??Rev. P1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com