Electronic Components Datasheet Search
  English  ▼

X  

FUSB302B Datasheet(PDF) 15 Page - ON Semiconductor

Part # FUSB302B
Description  Programmable USB Type?륝 Controller w/PD
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FUSB302B Datasheet(HTML) 15 Page - ON Semiconductor

Back Button FUSB302B Datasheet HTML 11Page - ON Semiconductor FUSB302B Datasheet HTML 12Page - ON Semiconductor FUSB302B Datasheet HTML 13Page - ON Semiconductor FUSB302B Datasheet HTML 14Page - ON Semiconductor FUSB302B Datasheet HTML 15Page - ON Semiconductor FUSB302B Datasheet HTML 16Page - ON Semiconductor FUSB302B Datasheet HTML 17Page - ON Semiconductor FUSB302B Datasheet HTML 18Page - ON Semiconductor FUSB302B Datasheet HTML 19Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 32 page
background image
FUSB302B
www.onsemi.com
15
Table 10. TYPE-C CC SWITCH
Symbol
Parameter
TA = −40 to +855C
TA = −40 to +1055C (Note 11)
TJ = −40 to +1255C
Unit
Min
Typ
Max
RSW_CCx
RDSON for SW1_CC1 and SW1_CC2, VCONN to CC1 & CC2
−
0.4
1.2
W
ISW_CCX
Over-Current Protection (OCP) limit at which VCONN switch shuts off
over the entire VCONN voltage range (OCPreg = 0Fh)
600
800
1000
mA
tSoftStart
Time taken for the VCONN switch to turn on during which
Over-Current Protection is disabled
−
1.5
−
ms
I80_CCX
SRC 80
mA CC current (Default) HOST_CUR1 = 0, HOST_CUR0 = 1
64
80
96
mA
I180_CCX
SRC 180
mA CC Current (1.5 A) HOST_CUR1 = 1, HOST_CUR0 = 0
166
180
194
mA
I330_CCX
SRC 330
mA CC Current (3 A) HOST_CUR1 = 1, HOST_CUR0 = 1
304
330
356
mA
VUFPDB
SNK Pull-down Voltage in Dead Battery under all Pull-up SRC Loads
−
−
2.18
V
RDEVICE
Device Pull-down Resistance (Note 5)
4.6
5.1
5.6
k
W
zOPEN
CC Resistance for Disabled State
126
−
−
k
W
WAKElow
Wake threshold for CC pin SRC or SNK LOW value. Assumes
bandgap and wake circuit turned on ie PWR[0] = 1
−
0.25
−
V
WAKEhigh
Wake threshold for CC pin SRC or SNK HIGH value. Assumes
bandgap and wake circuit turned on ie PWR[0] = 1
−
1.45
−
V
vBC_LVLhys
Hysteresis on the Ra and Rd Comparators (Note 7)
−
20
−
mV
vBC_LVL
CC Pin Thresholds, Assumes PWR = 4’h7
BC = 2’b00
BC = 2’b01
BC = 2’b10
0.15
0.61
1.16
0.20
0.66
1.23
0.25
0.70
1.31
V
vMDACstepCC
Measure block MDAC step size for each code in MDAC[5:0] register
−
42
−
mV
vMDACstepVBUS
Measure block MDAC step size for each code in MDAC[5:0] register
for VBUS measurement
−
420
−
mV
vVBUSthr
VBUS threshold at which I_VBUSOK interrupt is triggered. Assumes
measure block on ie PWR[2] = 1
−
−
4.0
V
tTOG1
When TOGGLE = 1, time at which internal versions of
PU_EN1 = PU_EN2 = 0 and PWDN1 = PDWN2 = 1 selected to
present externally as a SNK in the DRP toggle
30
45
60
ms
tTOG2
When TOGGLE = 1, time at which internal versions of PU_EN1 = 1
or PU_EN2 = 1 and PWDN1 = PDWN2 = 0 selected to present
externally as a SRC in the DRP toggle
20
30
40
ms
tDIS
Disable time after a full toggle (tTOG1 + tTOG2) cycle so as to save
power
TOG_SAVE_PWR2:1 =
00
TOG_SAVE_PWR2:1 = 01
TOG_SAVE_PWR2:1 = 10
TOG_SAVE_PWR2:1 = 11
−
−
−
−
0
40
80
160
−
−
−
−
ms
Tshut
Temp. for Vconn Switch Off
−
145
−
°C
Thys
Temp. Hysteresis for Vconn Switch Turn On
−
10
−
°C
5. RDEVICE minimum and maximum specifications are only guaranteed when power is applied.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com