Electronic Components Datasheet Search
  English  ▼

X  

FUSB302B Datasheet(PDF) 26 Page - ON Semiconductor

Part # FUSB302B
Description  Programmable USB Type?륝 Controller w/PD
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FUSB302B Datasheet(HTML) 26 Page - ON Semiconductor

Back Button FUSB302B Datasheet HTML 22Page - ON Semiconductor FUSB302B Datasheet HTML 23Page - ON Semiconductor FUSB302B Datasheet HTML 24Page - ON Semiconductor FUSB302B Datasheet HTML 25Page - ON Semiconductor FUSB302B Datasheet HTML 26Page - ON Semiconductor FUSB302B Datasheet HTML 27Page - ON Semiconductor FUSB302B Datasheet HTML 28Page - ON Semiconductor FUSB302B Datasheet HTML 29Page - ON Semiconductor FUSB302B Datasheet HTML 30Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 32 page
background image
FUSB302B
www.onsemi.com
26
Table 35. INTERRUPTA
(Address: 3Eh; Reset Value: 0x0000_0000; Type: Read/Clear)
Bit #
Name
R/W/C
Size (Bits)
Description
7
I_OCP_TEMP
R/C
1
1:
Interrupt from either a OCP event on one of the VCONN
switches or an over-temperature event
6
I_TOGDONE
R/C
1
1:
Interrupt indicating the TOGGLE functionality was terminated
because a device was detected
5
I_SOFTFAIL
R/C
1
1:
Interrupt from automatic soft reset packets with retries have
failed
4
I_RETRYFAIL
R/C
1
1:
Interrupt from automatic packet retries have failed
3
I_HARDSENT
R/C
1
1:
Interrupt from successfully sending a hard reset ordered set
2
I_TXSENT
R/C
1
1:
Interrupt to alert that we sent a packet that was acknowledged
with a GoodCRC response packet
1
I_SOFTRST
R/C
1
1:
Received a soft reset packet
0
I_HARDRST
R/C
1
1:
Received a hard reset ordered set
Table 36. INTERRUPTB
(Address: 3Fh; Reset Value: 0x0000_0000; Type: Read/Clear)
Bit #
Name
R/W/C
Size (Bits)
Description
7
Reserved
N/A
6
Do Not Use
0
I_GCRCSENT
R/C
1
1:
Sent a GoodCRC acknowledge packet in response to
an incoming packet that has the correct CRC value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com